Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMHC3A01T8TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMHC3A01T8TC
Description  COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC3A01T8TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMHC3A01T8TC Datasheet HTML 1Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 2Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 3Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 4Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 5Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 6Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 7Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 8Page - Diodes Incorporated ZXMHC3A01T8TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXMHC3A01T8
SEMICO NDUC TORS
DRAFT ISSUE E - APRIL 2004
2
PARAMETER
SYMBOL
N-Channel
P-channel
UNIT
Drain-source voltage
VDSS
30
-30
V
Gate-source voltage
VGS
±20
±20
V
Continuous drain current (VGS= 10V; TA=25°C)
(b)(d)
(VGS= 10V; TA=70°C)
(b)(d)
(VGS= 10V; TA=25°C)
(a)(d)
ID
3.1
2.5
2.7
-2.3
-1.8
-2.0
A
A
A
Pulsed drain current
(c)
IDM
14.5
-10.8
A
Continuous source current (body diode)
(b)
IS
2.3
-2.2
A
Pulsed source current (body diode)
(c)
ISM
14.5
-10.8
A
Power dissipation at TA =25°C
(a) (d)
Linear derating factor
PD
1.3
10.4
W
mW/°C
Power dissipation at TA =25°C
(b) (d)
Linear derating factor
PD
1.7
13.6
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a) (d)
R JA
96
°C/W
Junction to ambient
(b) (d)
R JA
73
°C/W
NOTES
(a) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t
10 sec.
(c) Repetitive rating on 50mm x 50mm x 1.6mm FR4, D= 0.02, pulse width 300 S - pulse width limited by maximum junction temperature. Refer
to transient thermal impedance graph.
(d) For device with one active die.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com