Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMS6001N3 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6001N3
Description  60V N-channel self protected enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6001N3 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6001N3 Datasheet HTML 1Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 2Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 3Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 4Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 5Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 6Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 7Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 8Page - Diodes Incorporated ZXMS6001N3 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXMS6001N3
Issue 1 - January 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Recommended operating conditions
The ZXMS6001 is optimized for use with µC operating from 5V supplies.
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
NOTES:
(d) Recommended input voltage range over which protection circuits function as specified.
(e) The drain current is limited to a reduced value when Vds exceeds a safe level
Symbol Description
Min
Max
Units
VIN
Input voltage range
0
6
V
TA
Ambient temperature range
-40
125
°C
VIH
High level input voltage for MOSFET(d)
46
V
VP
Peripheral supply voltage
(voltage to which load is referred)
60
V
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Static Characteristics
Drain-Source Clamp
Voltage
VDS(AZ)
60
70
75
V
ID=10mA
Off state Drain Current
IDSS
0.1
3
AVDS=12V, VIN=0V
Off state Drain Current
IDSS
315
AVDS=32V, VIN=0V
Input Threshold Voltage(d) VIN(th)
11.8
2.5
V
VDS=VGS, ID=10mA
Input Current
IIN
150
AVIN=+3V
Input Current
IIN
335
500
AVIN=+5V, all
circumstances
Static Drain-Source
On-State Resistance
RDS(on)
12
Ω
VIN=3V, ID=0.1A
Static Drain-Source
On-State Resistance
RDS(on)
520
675
m
Ω
VIN=5V, ID=0.7A
Current Limit(e)
ID(LIM)
11.8
3
A
VIN=5V, VDS>5V
Dynamic Characteristics
Turn-On Time
(VIN to 90% ID)
ton
27
40
sRL=22Ω, VIN=0 to 5V,
VDD=12V
Turn-Off time
(VIN to 90% ID)
toff
26
40
sRL=22Ω, VIN=5V to 0V,
VDD=12V
Slew Rate On
(70 to 50% VDD)
-dVDS/dton
1.4
10
V/ sRL=22Ω, VIN=0 to 5V,
VDD=12V
Slew Rate Off
(50 to 70% VDD)
DVDS/dton
1.2
10
V/ sRL=22Ω, VIN=5V to 0V,
VDD=12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com