Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXTN2010ASTZ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTN2010ASTZ
Description  60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN2010ASTZ Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTN2010ASTZ Datasheet HTML 1Page - Diodes Incorporated ZXTN2010ASTZ Datasheet HTML 2Page - Diodes Incorporated ZXTN2010ASTZ Datasheet HTML 3Page - Diodes Incorporated ZXTN2010ASTZ Datasheet HTML 4Page - Diodes Incorporated ZXTN2010ASTZ Datasheet HTML 5Page - Diodes Incorporated ZXTN2010ASTZ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTN2010A
SEMICO NDUC TORS
ISSUE 2 - MAY 2006
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
150
190
V
IC=100 A
Collector-emitter breakdown voltage
BVCER
150
190
V
IC=1 A, RB 1k
Collector-emitter breakdown voltage
BVCEO
60
80
V
IC=10mA*
Emitter-base breakdown voltage
BVEBO
78.1
V
IE=100 A
Collector cut-off current
ICBO
50
0.5
nA
A
VCB=120V
V
CB=120V, Tamb=100 C
Collector cut-off current
ICER
R
1k
100
0.5
nA
A
VCB=120V
V
CB=120V, Tamb=100 C
Emitter cut-off current
IEBO
10
nA
VEB=6V
Collector-emitter saturation voltage
VCE(SAT)
18
40
45
95
170
30
55
65
130
210
mV
mV
mV
mV
mV
IC=100mA, IB=5mA*
I
C=1A, IB=100mA*
I
C=1A, IB=50mA*
I
C=2A, IB=50mA*
I
C=5A, IB=200mA*
Base-emitter saturation voltage
VBE(SAT)
950
1050
mV
IC=4A, IB=200mA*
Base-emitter turn-on voltage
VBE(ON)
840
950
mV
IC=4A, VCE=1V*
Static forward current transfer ratio
hFE
100
100
55
20
200
200
105
40
300
IC=10mA, VCE=1V*
I
C=2A, VCE=1V*
I
C=5A, VCE=1V*
I
C=10A, VCE=1V*
Transition frequency
fT
130
MHz IC=100mA, VCE=10V
f=50MHz
Output capacitance
COBO
31
pF
VCB=10V, f=1MHz*
Switching times
tON
tOFF
42
760
ns
ns
IC=1A, VCC=10V,
IB1=IB2=100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com