Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2208 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2208
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2208 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2208 Datasheet HTML 17Page - Linear Technology LTC2208 Datasheet HTML 18Page - Linear Technology LTC2208 Datasheet HTML 19Page - Linear Technology LTC2208 Datasheet HTML 20Page - Linear Technology LTC2208 Datasheet HTML 21Page - Linear Technology LTC2208 Datasheet HTML 22Page - Linear Technology LTC2208 Datasheet HTML 23Page - Linear Technology LTC2208 Datasheet HTML 24Page - Linear Technology LTC2208 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
21521014p
LTC2152-14/
LTC2151-14/LTC2150-14
APPLICATIONS INFORMATION
the encode inputs directly. Otherwise, a transformer or
coupling capacitors are needed (Figures 9 and 10). The
maximum (peak) voltage of the input signal should never
exceed VDD +0.1V or go below –0.1V.
Clock Duty Cycle Stabilizer
For good performance the encode signal should have a
50% (±5%) duty cycle. If the optional clock duty cycle
stabilizer circuit is enabled, the encode duty cycle can
vary from 30% to 70% and the duty cycle stabilizer will
maintain a constant 50% internal duty cycle. If the encode
signal changes frequency or is turned off, the duty cycle
stabilizer circuit requires one hundred clock cycles to lock
onto the input clock. The duty cycle stabilizer is enabled
via SPI Register A2 (see SPI Control Register) or by CS
in parallel programming mode.
Figure 9. Sinusoidal Encode Drive
Forapplicationswherethesamplerateneedstobechanged
quickly, the clock duty cycle stabilizer can be disabled. If
the duty cycle stabilizer is disabled, care should be taken
to make the sampling clock have a 50% (±5%) duty cycle.
DIGITAL OUTPUTS
The digital outputs are double-data rate LVDS signals. Two
data bits are multiplexed and output on each differential
output pair. There are seven LVDS output pairs (D0_1+/
D0_1– through D12_13–/D12_13+). Overflow (OF+/OF–)
and the data output clock (CLKOUT+/CLKOUT–) each have
an LVDS output pair.
By default the outputs are standard LVDS levels: 3.5mA
output current and a 1.25V output common mode voltage.
LTC2152-14
T1
VDD
21521014 F09
1.2V
10k
50
100
50
0.1µF
0.1µF
0.1µF
T1: MACOM ETC1-1-13
Figure 10. PECL or LVDS Encode Drive
VDD
LTC2152-14
PECL OR
LVDS INPUT
21521014 F10
1.2V
10k
100
0.1µF
0.1µF
ENC+
ENC–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com