| Electronic Components Datasheet Search |
|
TMS320DM8147 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM8147 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 343 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647 – MARCH 2011 2 Device Overview 2.1 Device Comparison Table 2-1 shows a comparison between devices, highlighting the differences. Table 2-1. DM814x Device Comparison DEVICES FEATURES TMS320DM8148 TMS320DM8147 SGX530 YES (1) NONE 2.2 Device Characteristics Table 2-2 provides an overview of the TMS320DM814x DaVinci™ Digital Media Processors, which includes significant features of the device, including the capacity of on-chip RAM, peripherals, and the package type with pin count. Table 2-2. Characteristics of the Processor HARDWARE FEATURES DM841x 1 16-/24-bit HD Capture Port or 2 8-bit SD Capture Ports and 1 8/16/24-bit HD Capture Port and 1 8-bit SD Capture Port HD Video Processing Subsystem (HDVPSS) and 1 16-/24-/30-bit HD Display Port or 1 HDMI 1.3 Transmitter and 1 16-/24-bit HD Display Port and 2 SD Video DACs 1 Parallel Camera Input for Raw (up to 16-bit) Imaging Subsystem (ISS) and BT.656/BT.1120 (8/16-bit) Peripherals LPDDR/DDR2/3 Memory Controller 2 (32-bit Bus Widths) Not all peripherals pins Asynchronous (8-/16-bit bus width) are available at the same GPMC + ELM RAM, NOR, NAND time (for more details, see the Device Configurations 64 Independent Channels EDMA section). 8 QDMA Channels 10/100/1000 Ethernet MAC Switch with Management 1 (with 2 MII/RMII/GMII/RGMII Interfaces) Data Input/Output (MDIO) 2 (Supports High- and Full-Speed as a Device and USB 2.0 High-, Full-, and Low-Speed as a Host, or OTG) PCI Express 2.0 1 Port (1 5.0GT/s lane) 8 (32-bit General purpose) Timers and 1 (System Watchdog) 6 (with SIR, MIR, FIR, CIR support and RTS/CTS flow UART control) (UART0 Supports Modem Interface) SPI 4 (Supports 4 slave devices) 1 (1-bit or 4-bit or 8-bit modes) and MMC/SD/SDIO 1 (8-bit mode) or 2 (1-bit or 4-bit modes) I2C 4 (Master/Slave) Media Controller Controls HDVPSS, HDVICP2, and ISS Copyright © 2011, Texas Instruments Incorporated Device Overview 7 Submit Documentation Feedback Product Folder Link(s): TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |