Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8652 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8652
Description  15kV ESD Low Power 4-Wire
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652 Datasheet(HTML) 1 Page - Semtech Corporation

  SX8652 Datasheet HTML 1Page - Semtech Corporation SX8652 Datasheet HTML 2Page - Semtech Corporation SX8652 Datasheet HTML 3Page - Semtech Corporation SX8652 Datasheet HTML 4Page - Semtech Corporation SX8652 Datasheet HTML 5Page - Semtech Corporation SX8652 Datasheet HTML 6Page - Semtech Corporation SX8652 Datasheet HTML 7Page - Semtech Corporation SX8652 Datasheet HTML 8Page - Semtech Corporation SX8652 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Revision V1.5/June 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 1
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
4
The SX8652 is a very low power, high reliability controller
for 4-wire and 5-wire resistive touch screens used in PDAs,
portable
instruments
and
point-of-sales
terminal
applications. It features a wide input supply range from
1.65V to 3.7V and low power modes to preserve current
when the screen is unintentionally touched.
To compute touch screen X-Y coordinates and touch
pressure with precision, a low power 12-bit analog-digital
converter is activated with the possibility to enable on-chip
data averaging processing algorithms to reduce host activity
and suppress system noise.
The touch screen controller inputs have been specially
designed to provide robust on-chip ESD protection of up to
±15kV in both HBM and Contact Discharge, and eliminates
the need for external protection devices. The SX8652 is
controlled by a high speed SPI™ serial interface.
The SX8652 is available in a 4.0 mm x 3.0 mm 14-DFN
package and a 1.5 mm x 2.0 mm wafer level chip scale
package (WLCSP) for space conscience applications.
DSC, DVR, Cell Phones
PDA, Pagers
Point-of-Sales Terminals
Touch-Screen Monitors
Extremely Low Power Consumption: 23uA@1.8V 8kSPS
Superior On-chip ESD Protection
±15kV HBM (X+,X-,Y+,Y-)
±2kV CDM
±25kV Air Gap Discharge
±15kV Contact Discharge
±300V MM
Single 1.65V to 3.7V Supply/Reference
4-Wire or 5-Wire Resistive Touch Screen Interface
Integrated Preprocessing Block to Reduce Host Loading
and Bus Activity
Four User Programmable Operation Modes provides
Flexibility to address Different Application Needs
Manual, Automatic, Pen Detect, Pen Trigger
Low Noise Ratiometric Conversion
Precision, High Speed 12-bit SAR ADC Operating At 74k
SPS
Throughput: 5000 (X-Y) coordinates/second (c/s) with 7-
Sample Averaging
Low Power Shut-Down Mode < 1uA
SPI™ Serial Interface
Touch Pressure Measurement (4-Wire)
Auxiliary Input (4-Wire) For Alternate ADC Input or Start
of Conversion Trigger
Hardware & Software reset
-40°C to +85°C operation
Pb-Free, Halogen Free, RoHS/WEEE compliant product
Windows CE 6.0, Linux Driver Support Available
Packages: 14-LD (4.0 mm x 3.0 mm) DFN
12-Ball (1.5 mm x 2.0 mm) WLCSP
GENERAL DESCRIPTION
APPLICATIONS
ORDERING INFORMATION
Part Number
Package (Dimension in mm)
Marking
SX8652ICSTRT1
1.
3000 Units / reel
12 - Ball WLCSP (1.5x2.0)
FG97
SX8652IWLTRT1
14 - Lead DFN (4.0x 3.0)
FG97
KEY PRODUCT FEATURES
T o u ch
S cre e n
In te rfa ce
S X 8 6 5 2
V D D
X + /B R
Y + /T R
X -/T L
Y -/B L
D IN
N IR Q
S C L K
D O U T
G N D
C o n tro l
S P I
D ig ita l
F ilte r
re f+
re f-
A D C
in
o u t
O S C
P O R
V re f
N C S
A U X /W IP E R
V D D
T o th e
H o st
T o th e
to u ch
s cre e n
N R S T (D F N o n ly)


Similar Part No. - SX8652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652ICSTRT SEMTECH-SX8652ICSTRT Datasheet
554Kb / 29P
15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652IWLTRT SEMTECH-SX8652IWLTRT Datasheet
554Kb / 29P
15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results

Similar Description - SX8652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650 SEMTECH-SX8650_10 Datasheet
671Kb / 39P
World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Linear Integrated Syste...
LT1780ISW LINEAR-LT1780ISW Datasheet
246Kb / 12P
Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Semtech Corporation
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Analog Devices
MAX1488E AD-MAX1488E Datasheet
1Mb / 9P
±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 1; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com