Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8652ICSTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX8652ICSTRT
Description  15kV ESD Low Power 4-Wire
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652ICSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8652ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 15Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 16Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Revision V1.5/June 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 13
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
4. 4-wire Touch Screen Detailed Description
4.1. Touch Screen Operation
A 4-wire resistive touch screen consists of two (resistive) conductive sheets separated by an insulator when not pressed.
Each sheet is connected through 2 electrodes at the border of the sheet (Figure 12). When a pressure is applied on the top
sheet, a connection with the lower sheet is established. Figure 13 shows how the Y coordinate can be measured. The
electrode plates are connected through terminals X+, X- and Y+, Y- to an analog to digital converter (ADC) and a reference
voltage. The resistance between the terminals X+ and X- is defined by Rxtot. Rxtot will be split in 2 resistors, R1 and R2, in
case the screen is touched. The resistance between the terminals Y+ and Y- is represented by R3 and R4. The connection
between the top and bottom sheet is represented by the touch resistance (RT).
Figure 12. 4-wire Touch Screen
Figure 13. Touch Screen Operation ordinate measurement (Y)
X-
Y+
Y-
X+
top conductive sheet
bottom conductive sheet
electrodes
electrodes
X-
X+
Y-
Y+
R3
R4
R2
R1
+
-
ADC
Ypos
Vref
+
-
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com