Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTH10 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBTH10
Description  NPN 1.1 GHz RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTH10 Datasheet(HTML) 2 Page - Weitron Technology

  MMBTH10_07 Datasheet HTML 1Page - Weitron Technology MMBTH10_07 Datasheet HTML 2Page - Weitron Technology MMBTH10_07 Datasheet HTML 3Page - Weitron Technology MMBTH10_07 Datasheet HTML 4Page - Weitron Technology MMBTH10_07 Datasheet HTML 5Page - Weitron Technology MMBTH10_07 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBTH10
WEITRON
http://www.weitron.com.tw
2/6
09-Feb-07
ELECTRICAL CHARACTERISTICS (Ta=25 °C unless otherwise noted ) (Countinued)
1.1
Transition frequency (IC =4mA , VCE = 10V , f =100MHz )
fT
-
GHZ
60
DC current gain (IC=4mA , VCE = 10V )
hFE
-
0.65
Collector-Emitter Saturation (IC=4mA ,IB = 0.4mA )
Base-Emitter On Voltage (IC=4mA , VCE = 10V )
VCE(sat)
VBE(on)
V
V
0.5
0.95
-
-
-
Common-Base Feedback Capacitance
(VCB= 10V , IE= 0 , f = 1MHz )
Collector Base Time Constant
(IC =4mV , VCB = 10V , f = 31.8MHz )
Crb
rb’Cc
-
0.65
9.0
pF
ps
-
Collector-Base Capacitance(VCB=10V ,IE = 0 , f =1.0MHz )
Ccb
0.7
pF
-
-
Symbol
Unit
Characteristics
Min
Max
Collector-Emitter Voltage (IC =10mA , IB = 0 )
VCEO
V
25
-
Collector-Base Voltage (IC =10µA , IE = 0)
Emitter-Base Voltage (IE =10µA , IC =0)
VCBO
VEBO
V
V
30
3
-
-
Collector cut-off current ( IE = 0 , VCB = 25V )
I CBO
nA
100
-
Emitter cut-off current ( IC = 0 , VEB = 2.0V )
I EBO
nA
100
-
Typ
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com