Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTS050A0X Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # APTS050A0X
Description  GigaTLynxTM Non-isolated Power Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS050A0X Datasheet(HTML) 4 Page - Lineage Power Corporation

  APTS050A0X Datasheet HTML 1Page - Lineage Power Corporation APTS050A0X Datasheet HTML 2Page - Lineage Power Corporation APTS050A0X Datasheet HTML 3Page - Lineage Power Corporation APTS050A0X Datasheet HTML 4Page - Lineage Power Corporation APTS050A0X Datasheet HTML 5Page - Lineage Power Corporation APTS050A0X Datasheet HTML 6Page - Lineage Power Corporation APTS050A0X Datasheet HTML 7Page - Lineage Power Corporation APTS050A0X Datasheet HTML 8Page - Lineage Power Corporation APTS050A0X Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Preliminary Data Sheet
February 14, 2011
GigaTLynxTM SMT Non-isolated Power Modules:
4.5 – 14Vdc input; 0.7Vdc to 2.0Vdc, 50A Output
LINEAGE POWER
4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Logic High (On/Off pin open – Module OFF)
Input High Current
All
IIH
0.5
3.3
mA
Input High Voltage
All
VIH
3.0
VIN, max
V
Logic Low (Module ON)
Input Low Current
All
IIL
200
µA
Input Low Voltage
All
VIL
-0.3
0.6
V
Turn-On Delay and Rise Times
(IO=IO, max , VIN = VIN, nom, TA = 25
oC, )
Case 1: On/Off input is set to Logic Low (Module
ON) and then input power is applied (delay from
instant at which VIN =VIN, min until Vo=10% of Vo,set)
All
Tdelay
4.8
msec
Case 2: Input power is applied for at least one second
and then the On/Off input is set to logic Low (delay from
instant at which Von/Off=0.3V until Vo=10% of Vo, set)
All
Tdelay
4.8
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
3.6
msec
Output voltage overshoot – Startup
3.0
% VO, set
IO= IO, max; VIN = 4.5 to 14Vdc, TA = 25
oC
Over Temperature Protection
All
Tref
125
°C
(See Thermal Consideration section)
Sequencing Slew rate capability
All
dVSEQ/dt
2
V/msec
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Sequencing Delay time (Delay from VIN, min
to application of voltage on SEQ pin)
All
TsEQ-delay
10
msec
Tracking Accuracy
Power-up (2V/ms)
All
VSEQ –Vo
100
200
mV
Power-down (1V/ms)
VSEQ –Vo
200
400
mV
(VIN, min to VIN, max; IO, min - IO, max VSEQ < Vo)
Input Undervoltage Lockout
Turn-on Threshold
All
4.26
V
Turn-off Threshold
All
4.04
V
Hysteresis
All
0.22
Vdc
Forced Load Share Accuracy
All
10
% Io
Number of units in Parallel
All
5
PGOOD (Power Good)
Internal pull-up, VPGOOD
All
5
V
Overvoltage threshold for PGOOD
All
112.5
%VO, set
Undervoltage threshold for PGOOD
All
87.5
%VO, set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com