Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT33K024 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT33K024
Description  Power PCB Relay RT1 Inrush
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT33K024 Datasheet(HTML) 1 Page - Tyco Electronics

  RT33K024 Datasheet HTML 1Page - Tyco Electronics RT33K024 Datasheet HTML 2Page - Tyco Electronics RT33K024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power PCB Relay RT1 Inrush
I 1 pole 16 A, 1 CO or 1 NO contact
I For inrush peak currents up to 80 A
I Sensitive coil 400 mW
I 5 kV / 10 mm coil-contact
I Reinforced insulation
I Ambient temperature 85°C
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0413
Applications
Domestic appliances, heating control, lighting control
F0177-B
Approvals
V REG.-Nr. 6106, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
16 A
Rated voltage / max.switching voltage AC
240/400 VAC
Limiting continuous current
UL: 20 A
Maximum breaking capacity AC
4000 VA
Limiting making capacity, max 4 s, duty factor 10%
30 A
max 20 ms (incandescent lamps)
80 A
Contact material
AgNi 90/10, AgSnO2
Mechanical endurance
> 30 x 106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
RT31K
1000 W incandescent lamp, 250 VAC, NO contact
9x104
RT31L
1000 W incandescent lamp, 250 VAC, NO contact
8x104
RT31K
16 A, 240 VAC, NO contact, 85°C, VDE/UL508
3x104
RT31L
16 A, 240 VAC, NO contact, 85°C, VDE/UL508
5x104
RT31L
21/3.5 A, 230 VAC, compressor, cos
ϕ=0.5, NO contact
2,3x105
Coil data, DC-coil
Rated coil voltage range DC coil
5...110 VDC
Coil power DC coil
typ 400 mW
Operative range
2
Coil insulation system according UL1446
class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
012
12
8.4
1.2
360+
+10%
400
024
24
16.8
2.4
1440+
+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+12%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - RT33K024

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RT3301 E-SWITCH-RT3301 Datasheet
1Mb / 4P
RT3301 Series Tact Switch
RT3301AF260Q E-SWITCH-RT3301AF260Q Datasheet
1Mb / 4P
RT3301 Series Tact Switch
logo
TE Connectivity Ltd
RT334005 TEC-RT334005 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
logo
Tyco Electronics
RT334005F MACOM-RT334005F Datasheet
77Kb / 2P
16 Amp PC Board Miniature Relay
logo
TE Connectivity Ltd
RT334005R TEC-RT334005R Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - RT33K024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
RTS3L005 MACOM-RTS3L005 Datasheet
236Kb / 4P
Power PCB Relay RT1 Inrush Power
2-1393240-3 MACOM-2-1393240-3 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-4 MACOM-2-1393240-4 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-5 MACOM-2-1393240-5 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-6 MACOM-2-1393240-6 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-8 MACOM-2-1393240-8 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-9 MACOM-2-1393240-9 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
1-1415898-6 MACOM-1-1415898-6 Datasheet
576Kb / 4P
Power PCB Relay RT1 Inrush Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com