Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K40P81M100SF2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # K40P81M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P81M100SF2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button K40P81M100SF2 Datasheet HTML 9Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 10Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 11Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 12Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 13Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 14Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 15Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 16Page - Freescale Semiconductor, Inc K40P81M100SF2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
• CPU and system clocks = 100 MHz
• Bus clock = 50 MHz
• Flash clock = 25 MHz
Table 5. Power mode transition operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
tPOR
After a POR event, amount of time from the point VDD
reaches 1.8V to execution of the first instruction
across the operating temperature range of the chip.
—
300
μs
1
RUN → VLLS1 → RUN
• RUN → VLLS1
• VLLS1 → RUN
—
—
4.1
123.8
μs
μs
RUN → VLLS2 → RUN
• RUN → VLLS2
• VLLS2 → RUN
—
—
4.1
49.3
μs
μs
RUN → VLLS3 → RUN
• RUN → VLLS3
• VLLS3 → RUN
—
—
4.1
49.2
μs
μs
RUN → LLS → RUN
• RUN → LLS
• LLS → RUN
—
—
4.1
5.9
μs
μs
RUN → STOP → RUN
• RUN → STOP
• STOP → RUN
—
—
4.1
4.2
μs
μs
RUN → VLPS → RUN
• RUN → VLPS
• VLPS → RUN
—
—
4.1
5.8
μs
μs
1. Normal boot (FTFL_OPT[LPBOOT]=1)
5.1.5 Power consumption operating behaviors
Table 6. Power consumption operating behaviors
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
IDDA
Analog supply current
—
—
TBD
mA
1
Table continues on the next page...
General
K40 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com