Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC7537 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7537
Description  Electronic Volume Control for Car Stereo Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7537 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7537 Datasheet HTML 1Page - Sanyo Semicon Device LC7537 Datasheet HTML 2Page - Sanyo Semicon Device LC7537 Datasheet HTML 3Page - Sanyo Semicon Device LC7537 Datasheet HTML 4Page - Sanyo Semicon Device LC7537 Datasheet HTML 5Page - Sanyo Semicon Device LC7537 Datasheet HTML 6Page - Sanyo Semicon Device LC7537 Datasheet HTML 7Page - Sanyo Semicon Device LC7537 Datasheet HTML 8Page - Sanyo Semicon Device LC7537 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Electrical Characteristics at Ta = 25°C, VDD = 8 V, VSS = 0 V
Note: Values in parenthesis are targets and will be fixed after evaluation.
No. 5588-2/21
LC75373E
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
6.0
10.5
V
Input high-level voltage
VIH
CL, DI, CE
4.0
VDD
V
Input low-level voltage
VIL
CL, DI, CE
VSS
1.0
V
Input voltage amplitude
VIN
CL, DI, CE, LVRIN, RVRIN, L1 to L4, R1 to R4
VSS
VDD
Vp-p
LFIN, RFIN, LSIN, RSIN
Input pulse width
tøW
CL
1
µs
Setup time
tsetup
CL, DI, CE
1
µs
Hold time
thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
[Input Block]
Maximum input gain
Gin max
+18.75
dB
Step resolution
Gstep
+1.25
dB
[Output Block]
Maximum output gain
Gout max
+6.5
dB
[Volume Control Block]
Step resolution
ATstep
1
dB
Step error
ATerr
step = 0 to –20 dB
–1
0
+1
dB
step = –20 to –50 dB
–3
0
+3
dB
[Fader Volume Block]
step =0 to –20 dB
2
Step resolution
ATstep
step = –20 to –25 dB
5
dB
step = –25 to –45 dB
10
Step error
ATerr
step = 0 to –45 dB
–2
0
+2
dB
step = –45 to –60 dB
–3
0
+3
dB
Output load resistance
RL
10
k
Ω
[Bass/Treble Control Block]
Bass control range
Gbass
Max. boost/cut
±9
±10.5
±12
dB
Treble control range
Gtre
Max. boost/cut
±8
±10.5
±13
dB
[Super Bass Block 1 (Type GEQ)]
Control range
Crange
Max. boost
+17
dB
Step resolution
ATstep
+1.7
dB
[Super Bass Block 2 (Type T)]
Control range
Crange
Max. boost
+20
dB
Step resolution
ATstep
+2.0
dB
[Overall Characteristics]
Total harmonic distortion
THD
VIN = 1 Vrms, f = 1 kHz, all settings flat overall
0.003
0.01
%
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, all settings flat overall,
80.5
dB
Rg = 1 k
Ω
Output at maximum attenuation
VO min
VIN = 1 Vrms, f = 1 kHz, main volume at –∞
–80
dB
Output noise voltage
VN1
All settings flat overall (IHF-A), Rg = 1 k
Ω
8
µV
VN2
All settings flat overall (DIN-AUDIO), Rg = 1 k
Ω
10
µV
Input high-level current
IIH
CL, DI, CE: VIN = 8 V
10
µA
Input low-level current
IIL
CL, DI, CE: VIN = 0 V
–10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com