Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K52P144M100SF2 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # K52P144M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K52P144M100SF2 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button K52P144M100SF2 Datasheet HTML 67Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 68Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 69Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 70Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 71Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 72Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 73Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 74Page - Freescale Semiconductor, Inc K52P144M100SF2 Datasheet HTML 75Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
A
B
C
D
E
F
G
H
J
10
K
K
10
11
11
L
L
12
12
M
M
PTA18
PTC8
PTC4
NC
PTC3
PTC2
PTA1
PTA6
PTA0
DAC1_OUT/
CMP2_IN3/
ADC1_SE23/
OP0_DP5/
OP1_DP5
ADC0_SE16/
OP0_OUT/
CMP1_IN2/
ADC0_SE21/
OP0_DP1/
OP1_DP1
ADC1_SE16/
OP1_OUT/
CMP2_IN2/
ADC0_SE22/
OP0_DP2/
OP1_DP2
DAC0_OUT/
CMP1_IN3/
ADC0_SE23/
OP0_DP4/
OP1_DP4
TRI1_OUT/
CMP2_IN5/
ADC1_SE22
PTA2
PTA3
PTA8
PTA7
VSS
VSS
VSSA
VDDA
PTE28
VSS
USB0_DM
ADC0_DM1/
OP0_DM0
ADC1_DM1/
OP1_DM0
PGA0_DM/
ADC0_DM0/
ADC1_DM3
TRI0_OUT/
OP1_DM2
TRI0_DM
TRI1_DM
VBAT
PTA4
PTA9
PTA11
PTA12
PTA13
PTB1
PTA27
PTB0
PTB4
PTB5
VSS
VSS
VREFL
VREFH
PTE11
PTE12
VREGIN
VOUT33
USB0_DP
ADC0_DP1/
OP0_DP0
ADC1_DP1/
OP1_DP0/
OP1_DM1
PGA0_DP/
ADC0_DP0/
ADC1_DP3
PGA1_DP/
ADC1_DP0/
ADC0_DP3
PGA1_DM/
ADC1_DM0/
ADC0_DM3
VREF_OUT/
CMP1_IN5/
CMP0_IN5/
ADC1_SE18
TRI0_DP
TRI1_DP
EXTAL32
XTAL32
PTA5
PTA10
VSS
PTA16
PTA14
PTB3
PTA29
PTA26
PTA17
PTA15
PTA19
RESET_b
PTA24
PTA25
PTA28
PTB2
PTB6
PTB7
PTB8
PTB9
VDD
VDD
PTB17
PTB16
PTB10
PTB11
PTB19
PTB18
PTB22
PTB23
NC
PTB20
PTB21
PTC5
PTD8
PTC6
PTC7
PTD9
NC
PTC1
PTC0
VSS
VSS
VDD
VDD
PTC13
PTC9
PTC11
PTC10
PTC19
PTC15
PTC14
PTC18
PTD2
PTD3
PTD10
PTD13
PTE0
PTD1
PTC17
VDD
VDD
PTE7
PTE3
PTE4
PTE8
PTE9
PTE10
PTE6
PTE5
PTE1
PTE2
PTD15
PTD14
PTD11
PTD12
PTC12
PTC16
PTD0
PTD4
PTD5
PTD6
PTD7
Figure 33. K52 144 MAPBGA Pinout Diagram
9 Revision History
The following table provides a revision history for this document.
Table 52. Revision History
Rev. No.
Date
Substantial Changes
2
3/2011
Initial public revision
Table continues on the next page...
Revision History
K52 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com