Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX535DVV1B Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # PCIMX535DVV1B
Description  i.MX53xD Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX535DVV1B Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PCIMX535DVV1B Datasheet HTML 35Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 36Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 37Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX535DVV1B Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 1
Freescale Semiconductor
39
4.5.2
LPDDR2 I/O AC Electrical Characteristics
The DDR2/LVDDR2 interface mode fully complies with JESD79-2E DDR2 JEDEC standard release
April, 2008. The DDR3 interface mode fully complies with JESD79-3D DDR3 JEDEC standard release
April, 2008.
Table 21 shows the AC parameters for LPDDR2 I/O operating in DDR2 mode.
Table 22 shows the AC parameters for LPDDR2 I/O operating in LPDDR2 mode.
Table 21. LPDDR2 I/O DDR2 mode AC Characteristics1
1 Note that the JEDEC SSTL_18 specification (JESD8-15a) for class II operation supersedes any specification in this
document.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
AC input logic high
Vih(ac)
—
Vref+0.25
——
V
AC input logic low
Vil(ac)
——
—
Vref-0.25
V
AC differential input voltage2
2 Vid(ac) specifies the input differential voltage |Vtr – Vcp| required for switching, where Vtr is the “true” input signal and Vcp is
the “complementary” input signal. The Minimum value is equal to Vih(ac) – Vil(ac).
Vid(ac)
—
0.5
—
OVDD
V
Input AC differential cross point voltage3
3 The typical value of Vix(ac) is expected to be about 0.5 * OVDD. and Vix(ac) is expected to track variation of OVDD. Vix(ac)
indicates the voltage at which differential input signal must cross.
Vix(ac)
—
Vref – 0.175
—Vref + 0.175
V
Output AC differential cross point voltage4
4 The typical value of Vox(ac) is expected to be about 0.5 * OVDD and Vox(ac) is expected to track variation in OVDD. Vox(ac)
indicates the voltage at which differential output signal must cross.
Vox(ac)
—
Vref – 0.125
—Vref + 0.125
V
Single output slew rate
tsr
At 25
Ω to Vref
0.4
—
2
V/ns
Skew between pad rise/fall asymmetry +
skew caused by SSN
tSKD
clk=266Mhz
clk=400Mhz
——
0.2
0.1
ns
Table 22. LPDDR2 I/O LPDDR2 mode AC Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
AC input logic high
Vih(ac)
—
Vref + 0.22
—
OVDD
V
AC input logic low
Vil(ac)
—
0
—
Vref – 0.22
V
AC differential input high voltage2
Vidh(ac)
—
0.44
—
—
V
AC differential input low voltage
Vidl(ac)
—
—
—
0.44
V
Input AC differential cross point voltage3
Vix(ac)
Relative to OVDD/2
-0.12
—
0.12
V
Over/undershoot peak
Vpeak
—
—
—
0.35
V
Over/undershoot area (above OVDD
or below OVSS)
Varea
266MHz
—
—
0.6
V*ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com