Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX538DZK1B Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PCIMX538DZK1B
Description  i.MX53xD Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX538DZK1B Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PCIMX538DZK1B Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 20Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 21Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX538DZK1B Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 1
Freescale Semiconductor
21
4.1.4
External Clock Sources
The i.MX53xD device has four external input system clocks, a low frequency (CKIL), a high frequency
(XTAL), and two general purpose CKIH1 and CKIH2 clocks.
The CKIL is used for low-frequency functions. It supplies the clock for wake-up circuit, power-down real
time clock operation, and slow system and watch-dog counters. The clock input can be connected to either
external oscillator or a crystal using internal oscillator amplifier.
The system clock input XTAL is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either external oscillator or a crystal using internal
oscillator amplifier.
CKIH1 and CKIH2 provide additional clock source option for peripherals that require specific and
accurate frequencies.
Table 7 shows the interface frequency requirements.
5 By default, VDD_DIG_PLL is driven from internal on-die 1.2 V linear regulator (LDO). In this case, there is no need driving this
supply externally. LDO output to VDD_DIG_PLL should be configured by software after power-up to 1.3 V output. A bypass
capacitor of minimal value 22
μF should be connected to this pad in any case whether it is driven internally or externally. Use
of the on-chip LDO is preferred. See i.MX53 System Development User’s Guide.
6 By default, the VDD_ANA_PLL is driven from internal on-die 1.8 V linear regulator (LDO). In this case there is no need driving
this supply externally. A bypass capacitor of minimal value 22
μF should be connected to this pad in any case whether it is
driven internally or externally. Use of the on-chip LDO is preferred. See i.MX53 System Development User’s Guide.
7 In case the VDD_FUSE is kept powered on during Fuse Read mode, the efuse_prog_supply_gate bit in CCM_CGPR register
should be kept low, to avoid the possibility of inadvertently blowing fuses. Alternately, VDD_FUSE can be ground or left
floating, when not in Fuse Write mode.
8 If not using TVE module or other pads in this power domain for the product, the TVDAC_DHVDD and TVDAC_AHVDDRGB
can remain floating.
9 GPIO pad operational at low frequency
10 The analog supplies should be isolated in the application design. Use of series inductors is recommended.
11 VDD_REG is power supply input for the integrated linear regulators of VDD_ANA_PLL and VDD_DIG_PLL when they are
configured to the internal supply option. VDDR_REG still has to be tied to 2.5 V supply when VDD_ANA_PLL and
VDD_DIG_PLL are configured for external power supply mode although in this case it is not used as supply source.
12 Lifetime of 21,900 hours based on 95 C junction temperature at nominal supply voltages.
Table 7. External Input Clock Frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
CKIL Oscillator1
1 External oscillator or a crystal with internal oscillator amplifier.
fckil
—
32.7682/32.0
2 Recommended nominal frequency 32.768 kHz.
—kHz
CKIH1, CKIH2 Operating
Frequency
fckih1,
fckih2
See Table 31, "CAMP Electrical Parameters (CKIH1,
CKIH2)," on page 44
MHz
XTAL Oscillator
fxtal
22
24
27
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com