Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33793 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33793 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33793
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
I/O Pin Voltage
VIO
-0.3 to VREGOUT + 0.5
V
I/O Pin Current
IIO
5.0
mA
BUSIN, BUSOUT, BUSRTN, and H_CAP Voltage
VIN
-0.3 to 40
V
BUSIN, BUSOUT, BUSRTN, and H_CAP Current (Continuous)
IIN
250
mA
ESD Protection (1)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to 150
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3.
°C
Thermal Resistance Junction to Case
RθJC
150
°C/W
Notes
1.
ESD1 performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 performed in accordance with the
Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com