Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33892 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33892
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33892 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33892 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33892
23
MODES OF OPERATION
The 33892 has four operating modes. They are Sleep,
Normal, Fault, and Fail-Safe. Table 11 summarizes details
contained in succeeding paragraphs.
Sleep Mode
The Default mode of the 33892 is the Sleep mode. This is the
state of the device after first applying battery voltage (VPWR)
prior to any I/O transitions. This is also the state of the device
when the WAKE and RST are both logic [0]. In the Sleep mode,
the output and all unused internal circuitry, such as the internal
5.0 V regulator, are off to minimize current draw. In addition, all
SPI-configurable features of the device are as if set to logic [0].
The device will transition to the Normal or Fail-Safe operating
modes based on the WAKE and RST inputs as defined in
Table 11.
Normal Mode
The 33892 is in Normal mode when:
•VPWR is within the normal voltage range.
• RST terminal is logic [1].
• No fault has occurred.
Fail-Safe Mode
Fail-Safe Mode and Watchdog
If the FSI input is not grounded, the watchdog timeout
detection is active when either the WAKE or RST input terminal
transitions from logic [0] to [1]. The WAKE input is capable of
being pulled up to VPWR with a series of limiting resistance
limiting the internal clamp current according to the specification.
The Watchdog timeout is a multiple of an internal oscillator
and is specified in the Table 8, page 21. As long as the WD bit
(D15) of an incoming SPI message is toggled within the
minimum watchdog timeout period (WDTO), based on the
programmed value of the WDR, the device will operate
normally. If an internal watchdog timeout occurs before the WD
bit, the device will revert to a Fail-Safe mode until the device is
reinitialized.
During the Fail-Safe mode, the outputs will be ON or OFF
depending upon the resistor RFS connected to the FSI pin,
regardless of the state of the various direct inputs and modes
(Table 12).
In the Fail-Safe mode, the SPI register content is retained
except for overcurrent high and low detection levels and timing,
which are reset to their default value (SOCL, SOCH, and
OCTL). Then the watchdog, overvoltage, overtemperature, and
overcurrent circuitry (with default value) are fully operational.
The Fail-Safe mode can be detected by monitoring the
WDTO bit D2 of the WD register. This bit is logic [1] when the
device is in Fail-Safe mode. The device can be brought out of
the Fail-Safe mode by transitioning the WAKE and RST pins
from logic [1] to logic [0] or forcing the FSI pin to logic [0].
Table 11 summarizes the various methods for resetting the
device from the latched Fail-Safe mode.
If the FSI pin is tied to GND, the Watchdog Fail-Safe
operation is disabled.
Table 11. Fail-Safe Operation and Transitions
to Other 33892 Modes
Mode
FS Wake RST WDTO
Comments
Sleep
x
0
0
x
Device is in Sleep mode. All
outputs are OFF
Normal
1
x
1
No
Normal mode. Watchdog is
active if enabled.
Fault
0
1
1
No
Device is currently in fault
mode. The faulted output(s) is
(are) OFF.
0
1
0
0
x
1
Fail-
Safe
1
0
1
Yes
Watchdog has timed out and
the device is in Fail-Safe
Mode. The outputs are as
configured with the RFS
resistor connected to FSI.
RST
and WAKE must be
transitioned to logic [0]
simultaneously to bring the
device out of the Fail-safe
mode or momentarily tied the
FSI pin to ground.
1
1
1
1
1
0
x = Don’t care.
Table 12. Output State During
Fail-Safe Mode
RFS (k
Ω)
High-Side State
0
Fail-Safe Mode Disabled
6.0
All HS OFF
15
HS0 ON
HS[1:3] OFF
30
HS0 and HS2 ON
HS1 and HS3 OFF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com