Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33910 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 33910_10 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33910_10 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
Analog Integrated Circuit Device Data
83
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910BAC / MC34910BAC
CYSTx - Cyclic Sense Period Prescaler Select
This write-only bits selects the interval for the wake-up
cyclic sensing together with the bit CYSX8 in the
configuration register (CFR) (see Configuration Register -
CFR).
This option is only active if the high side switch is enabled
when entering in Stop or Sleep mode. Otherwise a timed
wake-up is performed after the period shown in Table 51.
Table 51. Cyclic Sense Interval
Watchdog Status Register
This register returns the watchdog status information and
is also returned when writing to the TIMCR.
WDTO - Watchdog Time Out
This read-only bit signals the last reset was caused by
either a watchdog timeout or by an attempt to clear the
watchdog within the window closed.
Any access to this register or the TIMCR will clear the
WDTO bit.
1 = Last reset caused by watchdog timeout
0 = None
WDERR - Watchdog Error
This read-only bit signals the detection of a missing
watchdog resistor. In this condition the watchdog is using the
internal, lower precision timebase. The windowing function is
disabled.
1 = WDCONF pin resistor missing
0 = WDCONF pin resistor not floating
WDOFF - Watchdog Off
This read-only bit signals that the watchdog pin connected
to GND and therefore disabled. In this case watchdog
timeouts are disabled and the device automatically enters
Normal mode out of Reset. This might be necessary for
software debugging and for programming the Flash memory.
1 = Watchdog is disabled
0 = Watchdog is enabled
WDWO - Watchdog Window Open
This read-only bit signals when the watchdog window is
open for clears. The purpose of this bit is for testing. Should
be ignored in case WDERR is High.
1 = Watchdog window open
0 = Watchdog window closed
Analog Multiplexer Control Register - MUXCR
This register controls the analog multiplexer and selects
the divider ration for the L1 input divider.
L1DS - L1 Analog Input Divider Select
This write-only bit selects the resistor divider for the L1
analog input. Voltage is internally clamped to VDD.
0 = L1 Analog divider: 1
1 = L1 Analog divider: 3.6 (typ.)
CYSX8(123) CYST2
CYST1
CYST0
Interval
X
0
0
0
No Cyclic Sense
0
0
0
1
20 ms
0
0
1
0
40 ms
0
0
1
1
60 ms
0
1
0
0
80 ms
0
1
0
1
100 ms
0
1
1
0
120 ms
0
1
1
1
140 ms
1
0
0
1
160 ms
1
0
1
0
320 ms
1
0
1
1
480 ms
1
1
0
0
640 ms
1
1
0
1
800 ms
1
1
1
0
960 ms
1
1
1
1
1120 ms
Notes
123.
bit CYSX8 is located in configuration register (CFR)
Table 52. Watchdog Status Register - $A/$B
S3
S2
S1
S0
Read
WDTO
WDERR
WDOFF
WDWO
Table 53. Analog Multiplexer Control Register -$C
C3
C2
C1
C0
Write
L1DS
MX2
MX1
MX0
Reset Value
1
0
0
0
Reset Condition
POR
POR, Reset mode or ext_reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com