Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5602D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5602D
Rev. 3.1, 02/2011
© Freescale Semiconductor, Inc., 2009, 2010. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
MPC5602D
100 LQFP
14 mm x 14 mm
64 LQFP
10 mm x 10 mm
•
Single issue, 32-bit CPU core complex (e200z0)
— Compliant with the Power Architecture®
embedded category
— Includes an instruction set enhancement
allowing variable length encoding (VLE) for
code size footprint reduction. With the optional
encoding of mixed 16-bit and 32-bit
instructions, it is possible to achieve significant
code size footprint reduction.
•
Up to 256 KB on-chip Code Flash supported with
Flash controller and ECC
•
64 KB on-chip Data Flash with ECC
•
Up to 16 KB on-chip SRAM with ECC
•
Interrupt controller (INTC) with multiple interrupt
vectors, including 20 external interrupt sources and
18 external interrupt/wakeup sources
•
Frequency modulated phase-locked loop (FMPLL)
•
Crossbar switch architecture for concurrent access to
peripherals, Flash, or SRAM from multiple bus
masters
•
Boot assist module (BAM) supports internal Flash
programming via a serial link (CAN or SCI)
•
Timer supports input/output channels providing a
range of 16-bit input capture, output compare, and
pulse width modulation functions (eMIOS-lite)
•
Up to 33 channel 12-bit analog-to-digital converter
(ADC)
•
2 serial peripheral interface (DSPI) modules
•
3 serial communication interface (LINFlex) modules
•
1 enhanced full CAN (FlexCAN) module with
configurable buffers
•
Up to 79 configurable general purpose pins
supporting input and output operations (package
dependent)
•
Real Time Counter (RTC) with clock source from
128 kHz or 16 MHz internal RC oscillator
supporting autonomous wakeup with 1 ms
resolution with max timeout of 2 seconds
•
Up to 4 periodic interrupt timers (PIT) with 32-bit
counter resolution
•
1 System Module Timer (STM)
•
Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class 1 standard
•
Device/board boundary Scan testing supported with
per Joint Test Action Group (JTAG) of IEEE (IEEE
1149.1)
•
On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels
MPC5602D Microcontroller
Data Sheet


Similar Part No. - MPC5602D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
MPC5602DPB FREESCALE-MPC5602DPB Datasheet
144Kb / 27P
MPC5602D Microcontroller Product Brief
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
MPC5602D Microcontroller Reference Manual
More results

Similar Description - MPC5602D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJXXXGPX06A MICROCHIP-DSPIC33FJXXXGPX06A_12 Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
logo
Freescale Semiconductor...
S9S12G128F0MLH FREESCALE-S9S12G128F0MLH Datasheet
8Mb / 1292P
S12 CPU core, Up to 240 Kbyte on-chip flash with ECC
logo
Microchip Technology
DSPIC33FJ128GP306AT-IPT MICROCHIP-DSPIC33FJ128GP306AT-IPT Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ256GP710A-I MICROCHIP-DSPIC33FJ256GP710A-I Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
logo
NXP Semiconductors
KE1XZP100M72SF1 NXP-KE1XZP100M72SF1 Datasheet
1Mb / 82P
Kinetis KE17Z/13Z/12Z with up to 256 KB Flash
Rev. 2, 09/2021
KE1XZP100M72SF1 NXP-KE1XZP100M72SF1_V01 Datasheet
1Mb / 84P
Kinetis KE17Z/13Z/12Z with up to 256 KB Flash
Rev. 2.1, 02/2022
logo
Renesas Technology Corp
RA4M2 RENESAS-RA4M2 Datasheet
1Mb / 92P
Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com