Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLL5232B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL5232B
Description  SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL5232B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL5232B Datasheet HTML 1Page - Central Semiconductor Corp CLL5232B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLL5221B THRU CLL5267B
SURFACE MOUNT
SILICON ZENER DIODE
500mW, 2.4 THRU 75 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL5221B
Series Silicon Zener Diode is a high quality voltage
regulator designed for use in industrial, commercial,
entertainment, and computer applications.
MARKING: CATHODE BAND
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER VOLTAGE
TEMPERATURE
COEFFICIENT
MIN
NOM
MAX
ZZT @ IZT
ZZK @ IZK
IR @ VR
ΘV
Z
V
V
V
mA
Ω
Ω
mA
μA
V
%/°C
CLL5221B*
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
CLL5222B*
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
CLL5223B*
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
CLL5224B*
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
CLL5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
CLL5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
CLL5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
CLL5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
CLL5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
CLL5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
CLL5231B
4.845
5.1
5.355
20
17
1600
0.25
5.0
2.0
±0.030
CLL5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
CLL5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
CLL5234B
5.890
6.2
6.510
20
7.0
1000
0.25
5.0
4.0
+0.045
CLL5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
CLL5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
CLL5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
CLL5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
CLL5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
CLL5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
CLL5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
CLL5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
CLL5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
CLL5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
CLL5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (TA=50°C)
PD
500
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
VZ Tolerance: Part number with Tolerance “B”
±5
%
VZ Tolerance: Part number with Tolerance “C”
±2
%
VZ Tolerance: Part number with Tolerance “D”
±1
%
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.25V MAX @ IF=200mA (for all types)
SOD-80 CASE
R6 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CLL5232B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL5232B CENTRAL-CLL5232B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
logo
Continental Device Indi...
CLL5232B CDIL-CLL5232B Datasheet
290Kb / 4P
SILICON ZENER DIODES
More results

Similar Description - CLL5232B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZV55C2V4 CENTRAL-BZV55C2V4 Datasheet
81Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com