Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N5153L Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5153L
Description  PNP POWER SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5153L Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5153L Datasheet HTML 1Page - Microsemi Corporation 2N5153L Datasheet HTML 2Page - Microsemi Corporation 2N5153L Datasheet HTML 3Page - Microsemi Corporation 2N5153L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/545
T4-LDS-0132 Rev. 1 (091476)
Page 2 of 4
ELECTRICAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
Forward-Current Transfer Ratio
IC = 50mAdc, VCE = 5Vdc
IC = 2.5Adc, VCE = 5Vdc
IC = 5Adc, VCE = 5Vdc
2N5151
2N5153
2N5151
2N5153
2N5151
2N5153
hFE
20
50
30
70
20
40
90
200
Collector-Emitter Saturation Voltage
IC = 2.5Adc, IB = 250mAdc
IC = 5.0Adc, IB = 500mAdc
VCE(sat)
0.75
1.5
Vdc
Base-Emitter Voltage Non-Saturation
IC = 2.5Adc, VCE = 5Vdc
VBE
1.45
Vdc
Base-Emitter Saturation Voltage
IC = 2.5Adc, IB = 250mAdc
IC = 5.0Adc, IB = 500mAdc
VBE(sat)
1.45
2.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 500mAdc, VCE = 5Vdc, f = 10MHz
2N5151
2N5153
|hfe|
6
7
Common-Emitter Small-Signal Short-Circuit. Forward-Current Transfer Ratio
IC = 100mAdc, VCE = 5Vdc, f = 1kHz
2N5151
2N5153
hfe
20
50
Output Capacitance
VCB = 10Vdc, IE = 0, f = 1.0MHz
Cobo
250
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
IC = 5Adc, IB1 = 500mAdc
IB2 = -500mAdc
RL = 6Ω
VBE(OFF) = 3.7Vdc
ton
0.5
μs
Turn-Off Time
IC = 5Adc, IB1 = 500mAdc
IB2 = -500mAdc
RL = 6Ω
VBE(OFF) = 3.7Vdc
toff
1.5
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com