Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3867S Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3867S
Description  PNP SILICON LOW POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3867S Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3867S Datasheet HTML 1Page - Microsemi Corporation 2N3867S Datasheet HTML 2Page - Microsemi Corporation 2N3867S Datasheet HTML 3Page - Microsemi Corporation 2N3867S Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0170 Rev. 1 (101121)
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERTICS
(2)
Forward-Current Transfer Ratio
hFE
IC = 500mAdc, VCE = 1.0Vdc
2N3867, S
2N3868, S
50
35
IC = 1.5Adc, VCE = 2.0Vdc
2N3867, S
2N3868, S
40
30
200
150
IC = 2.5Adc, VCE = 3.0Vdc
2N3867, S
2N3868, S
25
20
IC = 3.0Adc, VCE = 5.0Vdc
2N3867, S
2N3868, S
20
20
IC = 500mAdc, VCE = 1.0Vdc, TA = -55°C
2N3867, S
2N3868, S
25
17
Collector-Emitter Saturation Voltage
VCE(sat)
Vdc
IC = 500mAdc, IB = 50mAdc
IC = 1.5Adc, IB = 150mAdc
IC = 2.5Adc, IB = 250mAdc
0.5
0.75
1.5
Base-Emitter Saturation Voltage
VBE(sat)
Vdc
IC = 500mA, IB = 50mAdc
1.0
IC = 1.5A, IB = 150mAdc
2N3867, S
2N3868, S
0.9
0.85
1.4
1.4
IC = 2.5A, IB = 250mAdc
2.0
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Common Emitter Small-Signal Short Circuit
Forward Current Transfer Ratio
|hfe|
3
12
kΩ
IC = 100mAdc, VCE = 5.0Vdc, f = 20MHz
Output Capacitance
Cobo
pF
VCB = 10Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0MHz
120
Iutput Capacitance
Cibo
pF
VEB = 3.0Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0MHz
800
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com