Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6990 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # 2N6990
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6990 Datasheet(HTML) 7 Page - Microsemi Corporation

  2N6990 Datasheet HTML 1Page - Microsemi Corporation 2N6990 Datasheet HTML 2Page - Microsemi Corporation 2N6990 Datasheet HTML 3Page - Microsemi Corporation 2N6990 Datasheet HTML 4Page - Microsemi Corporation 2N6990 Datasheet HTML 5Page - Microsemi Corporation 2N6990 Datasheet HTML 6Page - Microsemi Corporation 2N6990 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0177 Rev. 1 (101229)
Page 7 of 7
PACKAGE DIMENSIONS
NOTES:
1 Dimensions are in inches.
2 Millimeters are given for general information only.
3 Unless otherwise specified, tolerance is ±.005 inch (0.13 mm).
4 In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 4. Physical demension for type 2N6989U
Dimensions
Symbol
Inches
Millimeters
Min
Max
Min
Max
A
.073
.085
1.85
2.16
A1
.063
.075
1.60
1.91
D
.345
.355
8.76
9.02
D1
.195
.205
4.95
5.21
D2
.050 TYP
1.27 TYP
D3
.070
.080
1.78
2.03
E
.025 REF
0.64 REF
L1
.050 REF
for pins 2 through 20
1.27 REF
for pins 2 through 20
L2
.080
.090
2.03
2.29



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com