Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6989U Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 2N6989U
Description  MULTIPLE (QUAD) NPN SILICON DUAL IN-LINE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6989U Datasheet(HTML) 6 Page - Microsemi Corporation

  2N6989U Datasheet HTML 1Page - Microsemi Corporation 2N6989U Datasheet HTML 2Page - Microsemi Corporation 2N6989U Datasheet HTML 3Page - Microsemi Corporation 2N6989U Datasheet HTML 4Page - Microsemi Corporation 2N6989U Datasheet HTML 5Page - Microsemi Corporation 2N6989U Datasheet HTML 6Page - Microsemi Corporation 2N6989U Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0177 Rev. 1 (101229)
Page 6 of 7
NOTES:
1
Dimension are in inches.
2
Millimeters are given for general information only.
3
Index area: A notch or pin one identification mark shall be located adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used as a pin one identification mark. Alternatively, a tab (dine TL)
may be used to identify pin one.
4
Dimension LD2 shall be measured at the point of exit of the lead from the body.
5
This dimension allows for off-center lid, meniscus, and glass overrun.
6
The basic pin spacing is .050 inch (1.27 mm) between centerlines. Each pin centerline shall be located within ±.005 inch (0.13
mm) of its exact longitudinal position relative to pins 1 and 14.
7
All leads: Increase maximum limit by .003 inch (0.08 mm) measured at the center of the flat when the lead finish is solder.
8
Twelve spaces.
9
Applies to all four corners (leads number 2, 6, 9 and 13).
10
Dimension LO may be .000 inch (0.00 mm if leads number 2, 6, 9, and 13) bend toward the cavity of the package within one
lead width from the point of entry of the lead into the body or if the leads are brazed to the metalized ceramic body.
11 No organic or polymeric materials shall be molded to the bottom of the package to cover the leads.
12 Optional, see note 1. If a pin one identification mark is used in addition to this tab, the minimum limit of dimension TL does
not apply.
13 Applies to leads number 1, 7, 8, and 14.
14 Lead configuration is optional within dimension BW except dimensions LW and LT apply.
15 In accordance with ASME Y14.5M, diameters are eqivalent to
φx symbology.
16 Pins 1, 7, 8, and 14 are collectors.
17 Pin 2, 6, 9, and 13 are bases.
18 Pin 3, 5, 10, and 12 are emitters.
19 Pins 4 and 11 are no contacts.
FIGURE 2. Physical dimensions for type 2N6990
FIGURE 3. Schematic and terminal connections for types 2N6989 & 2N6990



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com