Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCH-148D2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCH-148D2
Description  Miniature Power PCB Relay PCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH-148D2 Datasheet(HTML) 2 Page - Tyco Electronics

  PCH-148D2 Datasheet HTML 1Page - Tyco Electronics PCH-148D2 Datasheet HTML 2Page - Tyco Electronics PCH-148D2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0550-AA
S0550-AB
S0550-AC
S0551-B
Coil versions, DC-coil - sensitive
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
05
5
3.75
0.5
125
+10%
200
06
6
4.5
0.6
180
+10%
200
09
9
6.75
0.9
400
+10%
200
12
12
9.0
1.2
720
+10%
200
24
24
18.0
2.4
2800
+10%
200
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
NO:
5.5 / 9 mm
CO:
4.5 / 9 mm
Material group of insulation parts
IIIa
Tracking index of relay base, standard version
PTI 175
WG-version
PTI 250
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance, standard version
1.5x106 cycles
WG version
10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0424
Resistance to heat and fire, WG-version
according EN60335, par.30
Environment
Ambient temperature range
all WG-versions:
-40...85°C
Standard NO:
-30...70°C
Standard CO:
-30...40°C
Vibration resistance (function) NO / NC contact >14 / 8 g, 30...400 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
RTIII - wash tight
Processing
Mounting
PCB
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
7 g
Packaging unit
25/1000 pcs
Miniature Power PCB Relay PCH (Continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com