Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C53 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # CY8C53
Description  Programmable System-on-Chip (PSoC )
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C53 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button CY8C53 Datasheet HTML 82Page - Cypress Semiconductor CY8C53 Datasheet HTML 83Page - Cypress Semiconductor CY8C53 Datasheet HTML 84Page - Cypress Semiconductor CY8C53 Datasheet HTML 85Page - Cypress Semiconductor CY8C53 Datasheet HTML 86Page - Cypress Semiconductor CY8C53 Datasheet HTML 87Page - Cypress Semiconductor CY8C53 Datasheet HTML 88Page - Cypress Semiconductor CY8C53 Datasheet HTML 89Page - Cypress Semiconductor CY8C53 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-55035 Rev. *G
Page 86 of 102
11.8 PSoC System Resources
Specifications are valid for –40 °C
 TA  85 °C and TJ  100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.8.1 POR with Brown Out
For brown out detect in regulated mode, VDDD and VDDA must be  2.0 V. Brown out detect is available in externally regulated mode.
11.8.2 Voltage Monitors
Table 11-66. Precise Power On Reset (PRES) with Brown Out DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Precise POR (PPOR)
PRESR
Rising trip voltage
1.66
–
1.73
V
PRESF
Falling trip voltage
1.63
–
1.70
V
Table 11-67. Power On Reset (POR) with Brown Out AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
PRES_TR Response time
–
–
250
ns
VDDD/VDDA drop rate
Sleep mode
–
5
TBD
V/µs
Table 11-68. Voltage Monitors DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
LVI
Trip voltage
–
–
–
LVI_A/D_SEL[3:0] = 0000b
1.68
1.73
1.77
V
LVI_A/D_SEL[3:0] = 0001b
1.91
1.95
1.99
V
LVI_A/D_SEL[3:0] = 0010b
2.16
2.21
2.25
V
LVI_A/D_SEL[3:0] = 0011b
2.40
2.45
2.50
V
LVI_A/D_SEL[3:0] = 0100b
2.65
2.71
2.76
V
LVI_A/D_SEL[3:0] = 0101b
2.90
2.96
3.01
V
LVI_A/D_SEL[3:0] = 0110b
3.14
3.21
3.27
V
LVI_A/D_SEL[3:0] = 0111b
3.39
3.46
3.53
V
LVI_A/D_SEL[3:0] = 1000b
3.63
3.71
3.78
V
LVI_A/D_SEL[3:0] = 1001b
3.88
3.96
4.03
V
LVI_A/D_SEL[3:0] = 1010b
4.12
4.21
4.29
V
LVI_A/D_SEL[3:0] = 1011b
4.36
4.45
4.54
V
LVI_A/D_SEL[3:0] = 1100b
4.61
4.70
4.79
V
LVI_A/D_SEL[3:0] = 1101b
4.88
4.98
5.08
V
LVI_A/D_SEL[3:0] = 1110b
5.11
5.22
5.32
V
LVI_A/D_SEL[3:0] = 1111b
5.36
5.47
5.57
V
HVI
Trip voltage
5.630
5.745
5.860
V
Table 11-69. Voltage Monitors AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Response time
–
–
500
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com