Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F6010A Datasheet(PDF) 13 Page - Microchip Technology

Part # DSPIC30F6010A
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6010A Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSPIC30F6010A Datasheet HTML 9Page - Microchip Technology DSPIC30F6010A Datasheet HTML 10Page - Microchip Technology DSPIC30F6010A Datasheet HTML 11Page - Microchip Technology DSPIC30F6010A Datasheet HTML 12Page - Microchip Technology DSPIC30F6010A Datasheet HTML 13Page - Microchip Technology DSPIC30F6010A Datasheet HTML 14Page - Microchip Technology DSPIC30F6010A Datasheet HTML 15Page - Microchip Technology DSPIC30F6010A Datasheet HTML 16Page - Microchip Technology DSPIC30F6010A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 236 page
background image
© 2011 Microchip Technology Inc.
DS70150E-page 13
dsPIC30F6010A/6015
FLTA
FLTB
PWM1L
PWM1H
PWM2L
PWM2H
PWM3L
PWM3H
PWM4L
PWM4H
I
I
O
O
O
O
O
O
O
O
ST
ST
—
—
—
—
—
—
—
—
PWM Fault A input.
PWM Fault B input.
PWM1 Low output.
PWM1 High output.
PWM2 Low output.
PWM2 High output.
PWM3 Low output.
PWM3 High output.
PWM4 Low output.
PWM4 High output.
MCLR
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is an
active-low Reset to the device.
OCFA
OCFB
OC1-OC8
I
I
O
ST
ST
—
Compare Fault A input (for Compare channels 1, 2, 3 and 4).
Compare Fault B input (for Compare channels 5, 6, 7 and 8).
Compare outputs 1 through 8.
OSC1
OSC2
I
I/O
ST/CMOS
—
Oscillator crystal input. ST buffer when configured in RC mode; CMOS
otherwise.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in RC and EC modes.
PGD
PGC
I/O
I
ST
ST
In-Circuit Serial Programming™ data input/output pin.
In-Circuit Serial Programming clock input pin.
RA9-RA10
RA14-RA15
I/O
I/O
ST
ST
PORTA is a bidirectional I/O port.
RB0-RB15
I/O
ST
PORTB is a bidirectional I/O port.
RC1
RC3
RC13-RC15
I/O
I/O
I/O
ST
ST
ST
PORTC is a bidirectional I/O port.
RD0-RD15
I/O
ST
PORTD is a bidirectional I/O port.
RE0-RE9
I/O
ST
PORTE is a bidirectional I/O port.
RF0-RF8
I/O
ST
PORTF is a bidirectional I/O port.
RG0-RG3
RG6-RG9
I/O
I/O
ST
ST
PORTG is a bidirectional I/O port.
SCK1
SDI1
SDO1
SS1
SCK2
SDI2
SDO2
SS2
I/O
I
O
I
I/O
I
O
I
ST
ST
—
ST
ST
ST
—
ST
Synchronous serial clock input/output for SPI1.
SPI1 Data In.
SPI1 Data Out.
SPI1 Slave Synchronization.
Synchronous serial clock input/output for SPI2.
SPI2 Data In.
SPI2 Data Out.
SPI2 Slave Synchronization.
SCL
SDA
I/O
I/O
ST
ST
Synchronous serial clock input/output for I2C™.
Synchronous serial data input/output for I2C.
SOSCO
SOSCI
O
I
—
ST/CMOS
32 kHz low-power oscillator crystal output.
32 kHz low-power oscillator crystal input. ST buffer when configured in RC
mode; CMOS otherwise.
T1CK
T2CK
T4CK
I
I
I
ST
ST
ST
Timer1 external clock input.
Timer2 external clock input.
Timer4 external clock input.
TABLE 1-1:
dsPIC30F6010A/6015 I/O PIN DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS =
CMOS compatible input or output
Analog =
Analog input
ST
=
Schmitt Trigger input with CMOS levels
O
=
Output
I
=
Input
P
=
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com