Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73223 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73223
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73223 Datasheet HTML 3Page - Microchip Technology MCP73223 Datasheet HTML 4Page - Microchip Technology MCP73223 Datasheet HTML 5Page - Microchip Technology MCP73223 Datasheet HTML 6Page - Microchip Technology MCP73223 Datasheet HTML 7Page - Microchip Technology MCP73223 Datasheet HTML 8Page - Microchip Technology MCP73223 Datasheet HTML 9Page - Microchip Technology MCP73223 Datasheet HTML 10Page - Microchip Technology MCP73223 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2011 Microchip Technology Inc.
DS22191C-page 7
MCP73123/223
AC CHARACTERISTICS
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typical)+0.3V] to 6V, TA=-40°C to +85°C.
Typical values are at +25°C, VDD= [VREG(Typical)+1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Elapsed Timer
Elapsed Timer Period
tELAPSED
—
0
—
Hours
Timer Disabled
3.6
4.0
4.4
Hours
5.4
6.0
6.6
Hours
7.2
8.0
8.8
Hours
Preconditioning Timer
Preconditioning Timer Period
tPRECHG
—
0
—
Hours
Disabled Timer
0.4
0.5
0.6
Hours
Status Indicator
Status Output turn-off
tOFF
—
—
500
µs
ISINK = 1mA to 0mA
(Note 1)
Status Output turn-on,
tON
—
—
500
ISINK = 0mA to 1mA
(Note 1)
Note 1:
Not production tested. Ensured by design.
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (Typical) + 0.3V] to 6V.
Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, DFN-10 (3x3)
JA
—
43
—
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com