Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82M75R Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 29Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
33
November 24, 2010
SPI Operation
All communication is carried out using the 4-line inter-
face for both Master or Slave Mode. The timing diagram
shows the basic operation of the bus.
The CSEN bit in the SBCR register controls the SCS
line of the SPI interface. Setting this bit high, will enable
the SPI interface by allowing the SCS line to be active,
which can then be used to control the SPI inteface. If the
CSEN bit is low, the SCS line will be in a floating condi-
tion and can therefore not be used for control of the SPI
interface. The SBEN bit in the SBCR register must also
be high which will place the SDI line in a floating condi-
tion and the SDO line high. If in the Master Mode the
SCK line will be either high or low depending upon the
clock polarity control bit in SPIR register. If in the Slave
Mode the SCK line will be in a floating condition. If SBEN
is low then the bus will be disabled and SCS, SDI, SDO
and SCK will all be I/O mode.
In the Master Mode, the Master will always generate the
clock signal. The clock and data transmission will be ini-
tiated after data has been written to the SBDR register.
In the Slave Mode, the clock signal will be received from
an external master device for both data transmission or
reception. The following sequences show the order to
be followed for data transfer in both Master and Slave
Mode:
· Master Mode
Step 1. Select the clock source using the CKS bit in
the SBCR control register
Step 2. Setup the M0 and M1 bits in the SBCR control
register to select the Master Mode and the
required Baud rate. Values of 00, 01 or 10 can
be selected.
Step 3. Setup the CSEN bit and setup the
MLS bit to choose if the data is MSB or LSB
first, this must be same as the Slave device.
Step 4. Setup the SBEN bit in the SBCR
control register to enable the SPI interface.
Step 5. For write operations: write the data to the
SBDR register, which will actually
place the data into the TXRX buffer. Then use
the SCK and SCS lines to output the data.
Goto to step 6.For read operations: the data
transferred in on the SDI line will be
stored in the TXRX buffer until all the data has
been received at which point it will be latched
into the SBDR register.
Step 6. Check the WCOL bit, if set high then a
collision error has occurred so return to step5.
If equal to zero then go to the following step.
Step 7. Check the TRF bit or wait for an SPI serial
bus interrupt.
Step 8. Read data from the SBDR register.
Step 9. Clear TRF.
Step10. Goto step 5.
· Slave Mode:
Step 1. The CKS bit has a don
¢t care value in the
slave mode.
Step 2. Setup the M0 and M1 bits to 11 to select the
Slave Mode. The CKS bit is don
¢t care.
Step 3. Setup the CSEN bit and setup the
MLS bit to choose if the data is MSB or LSB
first, this must be same as the Master device.
Step 4. Setup the SBEN bit in the SBCR
control register to enable the SPI interface.
Step 5. For write operations: write data to the
SBDR register, which will actually
place the data into the TXRX register, then
wait for the master clock and SCS signal.
After this goto Step 6.
For read operations: the data transferred in
on the SDI line will be stored in the
TXRX buffer until all the data has been
received at which point it will be latched into
the SBDR register.
Step 6. Check the WCOL bit, if set high then a
collision error has occurred so return to step5.
If equal to zero then goto the following step.
Step 7. Check the TRF bit or wait for an SPI serial bus
interrupt.
Step 8. Read data from the SBDR register.
Step 9. Clear TRF
Step10. step 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com