Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82B40A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82B40A
Description  I/O MCU with USB Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82B40A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fRCSYS
RC Clock with 8-bit Prescaler Register
5V
¾¾
32
¾
kHz
tWDT
Watchdog Time-out Period
(System Clock)
¾¾
1024
¾¾
1/fRCSYS
tUSB
USBPDP, USBPDN Rising & Falling Time
¾¾
75
¾
300
ns
tOST
Oscillation Start-up Timer Period
¾¾
¾
1024
¾
tSYS
tOSCsetup Crystal Setup
¾¾
¾
5
¾
ms
fINO125V
Internal Oscillator Frequency for 12MHz
4.0V~
5.5V
¾
10.80
12.00
13.20
MHz
fINO123V
Internal Oscillator Frequency for 12MHz
3.0~
4.0V
¾
10.56
12.00
13.44
MHz
fINOUSB
Internal Oscillator Frequency with USB
Mode
4.2~
5.5V
¾
11.82
12.00
12.18
MHz
Note:
tSYS=1/fSYS
Power_on period = tWDT +tOST +tOSCsetup
WDT Time_out in Normal Mode = 1/ fRCSYS
´ 256 ´ WDTS + tWDT
WDT Time_out in Power Down Mode = 1/ fRCSYS
´ 256 ´ WDTS + tOST +tOSCsetup
Trimmed for 5V operation using factory trim values. Frequency Trim to 12MHz
±3%
HT82B40R/HT82B40A
Rev. 1.50
5
February 17, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com