Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13002S Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 13002S
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

13002S Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  13002S Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13002S Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13002S Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13002S Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13002S Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 13002S Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
200910F
1/6
NPN 型高压功率开关晶体管
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD13002S
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
3DD13002S-O-T-B-A
13002S
否
NO
TO-92
编带
Brede
3DD13002S-O-T-N-C
13002S
否
NO
TO-92
袋装
Bag
3DD13002S-O-M-N-C
13002S
否
NO
TO-126
袋装
Bag
3DD13002S-O-M-N-B
13002S
否
NO
TO-126
条管
Tube
3DD13002S-O-MS-N-C
13002S
否
NO
TO-126S
袋装
Bag
3DD13002S-O-MS-N-B
13002S
否
NO
TO-126S
条管
Tube
主要参数
MAIN CHARACTERISTICS
IC
1.2A
VCEO
400V
PC(TO-92)
1W
PC(TO-126(S))
20W
封装 Package
用途
节能灯
电子镇流器
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Electronic ballasts
High frequency switching power
supply
High frequency power transform
Commonly
power
amplifier
circuit
产品特性
高耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
High breakdown voltage
High current capability
High switching speed
High reliability
RoHS product
TO-92
订货信息 ORDER MESSAGE
TO-126
TO-126S


Similar Part No. - 13002S

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
13002 ARIES-13002 Datasheet
723Kb / 1P
Series 800 Vertisocket??w/Bifurcated Contacts for Vertical Mounting
logo
Nanjing International G...
13002 DGNJDZ-13002 Datasheet
2Mb / 2P
power switching applications
logo
SEMTECH ELECTRONICS LTD...
13002 SEMTECH_ELEC-13002 Datasheet
76Kb / 1P
NPN Silicon Epitaxial Planar Transistor
logo
Heyco.
13002 HEYCO-13002 Datasheet
129Kb / 1P
Nytyes® with Stainless Steel Locking Device
13002 HEYCO-13002 Datasheet
129Kb / 1P
Nytyes® with Stainless Steel Locking Device
More results

Similar Description - 13002S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com