Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AL9910ASP-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL9910ASP-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910ASP-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL9910ASP-13 Datasheet HTML 1Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 2Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 3Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 4Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 5Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 6Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 7Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 8Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
4 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Typical Characteristics
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
AMBIENT TEMPERATURE (°C)
Change in Current Sense Threshold vs. Ambient Temperature
280
300
320
340
360
380
400
420
440
460
-40
-15
10
35
60
85
AMBIEN T TEMPERATURE ( C)
Input Current vs. Ambient Temperature
°
V
= 15V
IN
V
= 400V
IN
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-40
-15
10
35
60
85
AMBIENT TEMPER ATURE (°C)
Change in Oscillation Frequency vs. Ambient Temperature
R
= 1M
OSC
Ω
R
= 226k
OSC
Ω
150
200
250
300
350
400
450
85
105 125 145 165 185 205
225 245 265
INPUT VOLTAGE (V
)
180mA LED Driver Short Circuit Output Current vs. Input Voltage
RMS
I
= 180mA
LED(NOM)
V
DIMMING CONTROL (mV)
I
vs. V
Dimming Control
LD
OUT MAX
LD
0
10
20
30
40
50
60
70
80
90
100
050
100
150
200
250
300
I
= 281mA
V
= 264V
T = 23.5C
LED
IN
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com