Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3302T Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3302T
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3302T Datasheet HTML 6Page - Microchip Technology MCP3302T Datasheet HTML 7Page - Microchip Technology MCP3302T Datasheet HTML 8Page - Microchip Technology MCP3302T Datasheet HTML 9Page - Microchip Technology MCP3302T Datasheet HTML 10Page - Microchip Technology MCP3302T Datasheet HTML 11Page - Microchip Technology MCP3302T Datasheet HTML 12Page - Microchip Technology MCP3302T Datasheet HTML 13Page - Microchip Technology MCP3302T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
MCP3302/04
DS21697F-page 10
 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps,
FCLK = 21*FSAMPLE, TA = +25°C.
FIGURE 2-19:
Frequency Spectrum of
10 kHz Input (Representative Part).
FIGURE 2-20:
Effective Number of Bits
(ENOB) vs. Input Frequency.
FIGURE 2-21:
Power Supply Rejection
(PSR) vs. Ripple Frequency. A 0.1 µF bypass
capacitor is connected to the VDD pin.
FIGURE 2-22:
IDD vs. VDD.
FIGURE 2-23:
IDD vs. Sample Rate.
FIGURE 2-24:
IDD vs. Temperature.
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
10000
20000
30000
40000
50000
Frequency (Hz)
12.7
12.75
12.8
12.85
12.6
12.65
1
10
100
Input Frequency (kHz)
-65
-60
-55
-50
-45
-40
-35
-30
-80
-75
-70
-65
1
10
100
1000
10000
Ripple Frequency (kHz)
0
50
100
150
200
250
300
350
400
450
22.5
33.5
44.5
55.56
VDD (V)
200
300
400
500
600
0
100
0
50
100
150
200
Sample Rate (ksps)
340
350
360
370
380
390
320
330
340
-50
0
50
100
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com