Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14E6 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP14E6
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6 Datasheet(HTML) 3 Page - Microchip Technology

  MCP14E6 Datasheet HTML 1Page - Microchip Technology MCP14E6 Datasheet HTML 2Page - Microchip Technology MCP14E6 Datasheet HTML 3Page - Microchip Technology MCP14E6 Datasheet HTML 4Page - Microchip Technology MCP14E6 Datasheet HTML 5Page - Microchip Technology MCP14E6 Datasheet HTML 6Page - Microchip Technology MCP14E6 Datasheet HTML 7Page - Microchip Technology MCP14E6 Datasheet HTML 8Page - Microchip Technology MCP14E6 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2011 Microchip Technology Inc.
DS25006A-page 3
MCP14E6/7/8
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ................................................................+20V
Input Voltage ............................... (VDD + 0.3V) to (GND – 5V)
Enable Voltage .............................(VDD + 0.3V) to (GND - 5V)
Input Current (VIN>VDD)................................................50 mA
Package Power Dissipation (TA = +50oC)
8L-DFN ........................................................................ Note 3
8L-PDIP ........................................................................1.12W
8L-SOIC .....................................................................669 mW
† Notice:
Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational sections of this specifica-
tion is not intended. Exposure to maximum rating
conditions for extended periods may affect device
reliability.
DC CHARACTERISTICS(2)
Electrical Specifications:
Unless otherwise indicated, TA = +25°C, with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
1.5
V
Logic ‘0’, Low Input Voltage
VIL
—1.3
0.8
V
Input Current
IIN
-1
1
µA
0V
≤ VIN ≤ VDD
Input Voltage
VIN
-5
VDD + 0.3
V
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance, High
ROH
—5
8
Ω
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—5
8
Ω
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—2
A
VDD = 18V(2)
Switching Time(1)
Rise Time
tR
—12
30
ns
Figure 4-1, Figure 4-2,
CL = 1000 pF
Fall Time
tF
—15
35
ns
Figure 4-1, Figure 4-2,
CL = 1000 pF
Propagation Delay Time
tD1
—45
55
ns
Figure 4-1, Figure 4-2
Propagation Delay Time
tD2
—45
55
ns
Figure 4-1, Figure 4-2
Enable Function (ENB_A, ENB_B)
High-Level Input Voltage
VEN_H
2.4
1.6
V
VDD = 12V, Low-to-High Transition
Low-Level Input Voltage
VEN_L
—1.2
0.8
V
VDD = 12V, High-to-Low Transition
Hysteresis
VHYST
400
mV
Enable Pull-up Impedance
RENBL
0.7
1.6
3.0
M
Ω
VDD = 14V, ENBL = GND
Enable Pin Leakage Current
IENBL
—10
µA
VDD =12V,
ENB_A = ENB_B = GND
Propagation Delay Time
tD3
—35
65
ns
VDD =12V, Figure 4-3
Propagation Delay Time
tD4
—35
65
ns
VDD =12V, Figure 4-3
Note 1:
Switching times are ensured by design.
2:
Tested during characterization, not production tested.
3:
Package power dissipation is dependent on the copper pad area of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com