Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BF904 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF904
Description  N-channel dual gate MOS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF904 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF904_07 Datasheet HTML 1Page - NXP Semiconductors BF904_07 Datasheet HTML 2Page - NXP Semiconductors BF904_07 Datasheet HTML 3Page - NXP Semiconductors BF904_07 Datasheet HTML 4Page - NXP Semiconductors BF904_07 Datasheet HTML 5Page - NXP Semiconductors BF904_07 Datasheet HTML 6Page - NXP Semiconductors BF904_07 Datasheet HTML 7Page - NXP Semiconductors BF904_07 Datasheet HTML 8Page - NXP Semiconductors BF904_07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NXP Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board.
2. Ts is the temperature at the soldering point of the source lead.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. RG1 connects gate 1 to VGG = 5 V; see Fig.20.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS = 5 V; VG2-S = 4 V; ID = 10 mA; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
BF904
500
K/W
BF904R
550
K/W
Rth j-s
thermal resistance from junction to soldering point
note 2
BF904
Ts =92 °C
290
K/W
BF904R
Ts =78 °C
360
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 10 mA
6
15
V
V(BR)G2-SS
gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 10 mA
6
15
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =5V; ID =20 µA
0.3
1
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =VDS =5V; ID =20 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =5V;
RG1 = 120 kΩ; note 1
813
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
−
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =5V
−
50
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
pulsed; Tj =25 °C
222530mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
−
2.2
2.6
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1
1.5
2
pF
Cos
drain-source capacitance
f = 1 MHz
1
1.3
1.6
pF
Crs
reverse transfer capacitance f = 1 MHz
−
25
35
fF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
−
1
1.5
dB
f = 800 MHz; GS =GSopt; BS =BSopt
−
2
2.8
dB
Rev. 06 - 13 November 2007
4 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com