Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS767D301 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS767D301
Description  Digital Signal Controller (DSC)
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 17Page - Texas Instruments TPS767D301 Datasheet HTML 18Page - Texas Instruments TPS767D301 Datasheet HTML 19Page - Texas Instruments TPS767D301 Datasheet HTML 20Page - Texas Instruments TPS767D301 Datasheet HTML 21Page - Texas Instruments TPS767D301 Datasheet HTML 22Page - Texas Instruments TPS767D301 Datasheet HTML 23Page - Texas Instruments TPS767D301 Datasheet HTML 24Page - Texas Instruments TPS767D301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 158 page
background image
SM320F28335-HT
www.ti.com
SPRS682 – DECEMBER 2010
Table 2-3. Signal Descriptions (continued)
NAME
DESCRIPTION (1)
Trip Zone input 3/External Hold Request. XHOLD, when active (low), requests the external interface (XINTF) to
release the external bus and place all buses and strobes into a high-impedance state. To prevent this from
happening when TZ3 signal goes active, disable this function by writing XINTCNF2[HOLD] = 1. If this is not done, the
TZ3/XHOLD
XINTF bus will go into high impedance anytime TZ3 goes low. On the ePWM side, TZn signals are ignored by
default, unless they are enabled by the code. The XINTF will release the bus when any current access is complete
and there are no pending accesses on the XINTF. (I)
SCITXDB
SCI-B Transmit (I)
MCLKXB
McBSP-B transmit clock (I/O)
GPIO15
General purpose input/output 15 (I/O/Z)
Trip Zone input 4/External Hold Acknowledge. The pin function for this option is based on the direction chosen in the
GPADIR register. If the pin is configured as an input, then TZ4 function is chosen. If the pin is configured as an
TZ4/XHOLDA
output, then XHOLDA function is chosen. XHOLDA is driven active (low) when the XINTF has granted an XHOLD
request. All XINTF buses and strobe signals will be in a high-impedance state. XHOLDA is released when the
XHOLD signal is released. External devices should only drive the external bus when XHOLDA is active (low). (I/0)
SCIRXDB
SCI-B receive (I)
MFSXB
McBSP-B transmit frame synch (I/O)
GPIO16
General purpose input/output 16 (I/O/Z)
SPISIMOA
SPI slave in, master out (I/O)
CANTXB
Enhanced CAN-B transmit (O)
TZ5
Trip Zone input 5 (I)
GPIO17
General purpose input/output 17 (I/O/Z)
SPISOMIA
SPI-A slave out, master in (I/O)
CANRXB
Enhanced CAN-B receive (I)
TZ6
Trip zone input 6 (I)
GPIO18
General purpose input/output 18 (I/O/Z)
SPICLKA
SPI-A clock input/output (I/O)
SCITXDB
SCI-B transmit (O)
CANRXA
Enhanced CAN-A receive (I)
GPIO19
General purpose input/output 19 (I/O/Z)
SPISTEA
SPI-A slave transmit enable input/output (I/O)
SCIRXDB
SCI-B receive (I)
CANTXA
Enhanced CAN-A transmit (O)
GPIO20
General purpose input/output 20 (I/O/Z)
EQEP1A
Enhanced QEP1 input A (I)
MDXA
McBSP-A transmit serial data (O)
CANTXB
Enhanced CAN-B transmit (O)
GPIO21
General purpose input/output 21 (I/O/Z)
EQEP1B
Enhanced QEP1 input B (I)
MDRA
McBSP-A receive serial data (I)
CANRXB
Enhanced CAN-B receive (I)
GPIO22
General purpose input/output 22 (I/O/Z)
EQEP1S
Enhanced QEP1 strobe (I/O)
MCLKXA
McBSP-A transmit clock (I/O)
SCITXDB
SCI-B transmit (O)
GPIO23
General purpose input/output 23 (I/O/Z)
EQEP1I
Enhanced QEP1 index (I/O)
MFSXA
McBSP-A transmit frame synch (I/O)
SCIRXDB
SCI-B receive (I)
GPIO24
General purpose input/output 24 (I/O/Z)
ECAP1
Enhanced capture 1 (I/O)
EQEP2A
Enhanced QEP2 input A (I)
MDXB
McBSP-B transmit serial data (O)
GPIO25
General purpose input/output 25 (I/O/Z)
ECAP2
Enhanced capture 2 (I/O)
EQEP2B
Enhanced QEP2 input B (I)
MDRB
McBSP-B receive serial data (I)
GPIO26
General purpose input/output 26 (I/O/Z)
ECAP3
Enhanced capture 3 (I/O)
EQEP2I
Enhanced QEP2 index (I/O)
MCLKXB
McBSP-B transmit clock (I/O)
Copyright © 2010, Texas Instruments Incorporated
Introduction
21
Submit Documentation Feedback
Product Folder Link(s): SM320F28335-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com