Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL140N4LLF5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL140N4LLF5
Description  N-channel 40 V, 0.00275 Ω, 32 A, PowerFLAT??(5x6) STripFET™V Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL140N4LLF5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL140N4LLF5 Datasheet HTML 1Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 2Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 3Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 4Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 5Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 6Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 7Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 8Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
June 2010
Doc ID 17586 Rev 1
1/10
10
STL140N4LLF5
N-channel 40 V, 0.00275
Ω, 32 A, PowerFLAT™ (5x6)
STripFET™ V Power MOSFET
Features
RDS(on) * Qg industry benchmark
Extremely low on-resistance RDS(on)
High avalanche ruggedness
Low gate drive power losses
Application
Switching applications
Description
The STL140N4LLF5 is an N-channel
STripFET™V Power MOSFET which has been
designed to achieve very low on-state resistance
providing also one of the best-in-class figure of
merit (FOM).
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL140N4LLF5
40 V
0.00275
Ω 32 A (1)
1.
The value is rated according Rthj-pcb.
PowerFLAT™ ( 5x6 )
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL140N4LLF5
140N4LLF5
PowerFLAT™ (5x6)
Tape and reel
www.st.com


Similar Part No. - STL140N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
High avalanche ruggedness
15-Feb-2017
More results

Similar Description - STL140N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15DN4F5 STMICROELECTRONICS-STL15DN4F5 Datasheet
781Kb / 12P
Dual N-channel 40 V, 8 mΩ, 15 A PowerFLAT™5x6) double island, STripFET™V Power MOSFET
02-Sep-2010
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL100N1VH5 STMICROELECTRONICS-STL100N1VH5 Datasheet
775Kb / 13P
N-channel 12 V, 0.0022 25 A PowerFLAT (5x6) STripFET V Power MOSFET
10-Mar-2011
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
N-channel 30 V, 0.0055 Ω, 19 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
July 2010 Rev 2
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
19-Jan-2009
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com