Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC-800 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-800
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-800 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-800 Datasheet HTML 1Page - Vectron International, Inc VC-800 Datasheet HTML 2Page - Vectron International, Inc VC-800 Datasheet HTML 3Page - Vectron International, Inc VC-800 Datasheet HTML 4Page - Vectron International, Inc VC-800 Datasheet HTML 5Page - Vectron International, Inc VC-800 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International 267 Lowell Road, Hudson NH 03051
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
VC-800
Voltage Controlled Crystal Oscillator
The VC-800 Voltage Controlled Crystal Oscillator
Features
• Worlds Smallest VCXO, 5.0 X 3.2 X 1.5 mm
• High Frequencies to 74.250 MHz
• 5.0 or 3.3 V operation
• Linearity ≤ 10%
• Tri-State Output
• Low jitter < 6ps rms
• VCXO with CMOS outputs
• 0/70 or –40/85 °C temperature range
• Hermetically sealed ceramic SMD package
Product is compliant to RoHS directive
and fully compatible with lead free assembly
Applications
• SONET/SDH
• DWDM
• xDSL/PCMCIA cards
• Digital Video
Description
Vectron’s VC-800 Voltage Controlled Crystal
Oscillator (VCXO) is a quartz stabilized square
wave generator with a CMOS output and is
tested at CMOS and TTL (5.0 volt operation)
logic levels.
The VC-800 is the smallest available VCXO
making it ideally suitable for PCMCIA
applications as well as any other where size is
limited but performance is required.
Vc
fO
Output
Buffer /
Tri-state
Input
Buffer
ESD Diodes


Similar Part No. - VC-800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-800 VECTRON-VC-800 Datasheet
569Kb / 6P
Voltage Controlled Crystal Oscillator
VC-800-KAC-GTJ-12.960 VECTRON-VC-800-KAC-GTJ-12.960 Datasheet
569Kb / 6P
Voltage Controlled Crystal Oscillator
VC-800-KAC-GTJ-13.500 VECTRON-VC-800-KAC-GTJ-13.500 Datasheet
569Kb / 6P
Voltage Controlled Crystal Oscillator
VC-800-KAC-GTJ-16.000 VECTRON-VC-800-KAC-GTJ-16.000 Datasheet
569Kb / 6P
Voltage Controlled Crystal Oscillator
VC-800-KAC-GTJ-16.384 VECTRON-VC-800-KAC-GTJ-16.384 Datasheet
569Kb / 6P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-800

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-016T CRYSTEKCRYSTAL-CVXO-016T_15 Datasheet
72Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Fronter Electronics Co....
VCXO-SMD7050 FRONTER-VCXO-SMD7050 Datasheet
194Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Epson Company
VG2520CAN EPSON-VG2520CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com