Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL-821 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VL-821
Description  CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VL-821 Datasheet(HTML) 2 Page - Vectron International, Inc

  VL-821 Datasheet HTML 1Page - Vectron International, Inc VL-821 Datasheet HTML 2Page - Vectron International, Inc VL-821 Datasheet HTML 3Page - Vectron International, Inc VL-821 Datasheet HTML 4Page - Vectron International, Inc VL-821 Datasheet HTML 5Page - Vectron International, Inc VL-821 Datasheet HTML 6Page - Vectron International, Inc VL-821 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
Table 1. Electrical Performance, 3.3V Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Operating Supply Voltage1
V
DD
2.97
3.3
3.63
V
Absolute Maximum Operating Voltage
-0.05
5.0
V
Supply Current, Output Enabled
<30 MHz
30.01 to 75 MHz
75.01 to 133 MHz
133.01 to 200 MHz
I
DD
10
15
20
25
mA
mA
mA
mA
Supply Current, Output Disabled
I
DD
15
uA
Frequency
Frequency
f
O
1.000
200.00
MHz
Stability4, (Ordering Option)
±25, ±50, ±100
ppm
Outputs
Output Logic Levels
Output Logic High2
Output Logic Low2
Output Logic High Drive
Output Logic Low Drive
V
OH
V
OL
I
OH
I
OL
0.9*V
DD
8
8
0.1*V
DD
V
V
mA
mA
Output Rise /Fall Time2, fo≤10MHz
fo>10MHz
t
R
/t
F
3
2
ns
ns
Duty Cycle3
SYM
45
50
55
%
Enable/Disable
Output Enable/Disable5
Output Enable
Output Disable
V
IH
V
IL
0.7*V
DD
0.3V*
DD
V
V
Internal Pull-Up Resistor
100
KΩ
Start-Up Time
t
SU
2ms
Operating Temp, (Ordering Option)
T
OP
-10/70 or -40/85
°C
I
DD
V
DD
15pF
4
12
3
.1μF
.01μF
+
+
t
R
t
F
V
OH
V
OL
50%
On Time
Period
Fig 2: Waveform
Fig 1: Test Circuit
A 0.01 uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground). V
1]
DD
supply ramp should be <100 msec
.
Figure 2 defines these parameters. Figure 1 illustrates the operating conditions under which these parameters are tested and specified.
2]
Symmetry is measured defined as On Time/Period.
3]
Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under operation).
4]
Output will be enabled if the Enable/Disable is left open. E/D should be powered up after V
5]
DD
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com