| Electronic Components Datasheet Search |
|
SST25VF020B Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25VF020B Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 35 page ![]() ©2011 Silicon Storage Technology, Inc. S71417-03-000 02/11 4 2 Mbit SPI Serial Flash SST25VF020B Data Sheet A Microchip Technology Company Pin Description Figure 2: Pin Assignments Table 1: Pin Description Symbol Pin Name Functions SCK Serial Clock To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. SI Serial Data Input To transfer commands, addresses, or data serially into the device. Inputs are latched on the rising edge of the serial clock. SO Serial Data Output To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. Outputs Flash busy status during AAI Programming when reconfigured as RY/ BY# pin. See “Hardware End-of-Write Detection” on page 14 for details. CE# Chip Enable The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of any command sequence. WP# Write Protect The Write Protect (WP#) pin is used to enable/disable BPL bit in the status reg- ister. HOLD# Hold To temporarily stop serial communication with SPI flash memory without reset- ting the device. VDD Power Supply To provide power supply voltage: 2.7-3.6V for SST25VF020B VSS Ground T1.0 1417 1 2 3 4 8 7 6 5 CE# SO WP# VSS VDD HOLD# SCK SI Top View 1417 08-soic S2A P1.0 8-Lead SOIC 1 2 3 4 8 7 6 5 CE# SO WP# VSS Top View VDD HOLD# SCK SI 1417 08-wson QA P2.0 8-Contact WSON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |