Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3803L-SC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3803L-SC
Description  (Spec.L) Standard characteristics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3803L-SC Datasheet(HTML) 2 Page - Renesas Technology Corp

  3803L-SC Datasheet HTML 1Page - Renesas Technology Corp 3803L-SC Datasheet HTML 2Page - Renesas Technology Corp 3803L-SC Datasheet HTML 3Page - Renesas Technology Corp 3803L-SC Datasheet HTML 4Page - Renesas Technology Corp 3803L-SC Datasheet HTML 5Page - Renesas Technology Corp 3803L-SC Datasheet HTML 6Page - Renesas Technology Corp 3803L-SC Datasheet HTML 7Page - Renesas Technology Corp 3803L-SC Datasheet HTML 8Page - Renesas Technology Corp 3803L-SC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Page 2 of 22
REJ99B1814-0200/Rev2.00
September 2009
3803 Group (Spec.L)
Standard characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
2.0
3.0
4.0
5.0
6.0
Vcc(V)
16.8MHz
0.0
20.0
40.0
60.0
80.0
100.0
1.0
2.0
3.0
4.0
5.0
6.0
Vcc (V)
32.768kHz
Fig. 3 Mask ROM version power source current standard characteristics (in low-speed mode)
Fig. 4
Mask ROM version power source current standard characteristics (in high-speed mode,
f(XIN) = 16.8 MHz, WAIT state)
Low-speed mode (TYP, 25 °C)
[φ
φφ
φφ = stopped, XCIN = 32.768 kHz]
High-speed mode, WAIT state (TYP, 25 °C)
[φ
φφ
φφ = XIN/2, XCIN = 32.768 kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com