Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL811HST-AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # SL811HST-AXC
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HST-AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button SL811HST-AXC Datasheet HTML 7Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 8Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 9Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 10Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 11Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 12Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 13Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 14Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 11 of 32
USB Reset Sequence
After a device is detected, write 08h to the Control register (05h)
to initiate the USB reset, then wait for the USB reset time (root
hub should be 50 ms) and additionally some types of devices
such as a Forced J-state. Lastly, set the Control register (05h)
back to 0h. After the reset is complete, the auto-SOF generation
is enabled.
SOF Packet Generation
The SL811HS automatically computes the frame number and
CRC5 by hardware. No CRC or SOF generation is required by
external firmware for the SL811HS, although it can be done by
sending an SOF PID in the Host PID, Device Endpoint register.
To enable SOF generation, assuming host mode is configured:
1. Set up the SOF interval in registers 0x0F and 0x0E.
2. Enable the SOF hardware generation in this register by
setting bit 0 = ‘1’.
3. Set the Arm bit in the USB-A Host Control register.
Interrupt Enable Register [Address = 06h]. The SL811HS
provides an Interrupt Request Output, which is activated for a
number of conditions. The Interrupt Enable register allows the
user to select conditions that result in an interrupt that is issued
to an external CPU through the INTRQ pin. A separate Interrupt
Status register reflects the reason for the interrupt. Enabling or
disabling these interrupts does not have an effect on whether or
not the corresponding bit in the Interrupt Status register is set or
cleared; it only determines if the interrupt is routed to the INTRQ
pin. The Interrupt Status register is normally used in conjunction
with the Interrupt Enable register and can be polled in order to
determine the conditions that initiated the interrupt (See the
description for the Interrupt Status Register). When a bit is set to
’1’ the corresponding interrupt is enabled. So when the enabled
interrupt occurs, the INTRQ pin is asserted. The INTRQ pin is a
level interrupt, meaning it is not deasserted until all enabled inter-
rupts are cleared.
USB Address Register, Reserved, Address [Address = 07h]. This register is reserved for the device USB Address in Slave
operation. It should not be written by the user in host mode.
Registers 08h-0Ch Host-B registers. Registers 08h-0Ch have the same definition as registers 00h-04h except they apply to Host-B
instead of Host-A.
Table 13. Interrupt Enable Register [Address 06h]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Device
Detect/Resume
Inserted/
Removed
SOF Timer
Reserved
Reserved
USB-B
DONE
USB-A
DONE
Bit Position
Bit Name
Function
7
Reserved
‘0’
6
Device Detect/Resume Enable Device Detect/Resume Interrupt.
When bit 6 of register 05h (Control Register 1) is equal to ’1’, bit 6 of this register enables
the Resume Detect Interrupt. Otherwise, this bit is used to enable Device Detection
status as defined in the Interrupt Status register bit definitions.
5
Inserted/Removed
Enable Slave Insert/Remove Detection is used to enable/disable the device
inserted/removed interrupt.
4
SOF Timer
1 = Enable Interrupt for SOF Timer. This is typically at 1 mS intervals, although the
timing is determined by the SOF Counter high/low registers.
To use this bit function, bit 0 of register 05h must be enabled and the SOF counter
registers 0E hand 0Fh must be initialized.
3
Reserved
‘0’
2
Reserved
‘0’
1
USB-B DONE
USB-B Done Interrupt (see USB-A Done interrupt).
0
USB-A DONE
USB-A Done Interrupt. The Done interrupt is triggered by one of the events that are
logged in the USB Packet Status register. The Done interrupt causes the Packet Status
register to update.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com