Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC3291 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3291
Description  1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3291 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3291 Datasheet HTML 1Page - Micrel Semiconductor MIC3291 Datasheet HTML 2Page - Micrel Semiconductor MIC3291 Datasheet HTML 3Page - Micrel Semiconductor MIC3291 Datasheet HTML 4Page - Micrel Semiconductor MIC3291 Datasheet HTML 5Page - Micrel Semiconductor MIC3291 Datasheet HTML 6Page - Micrel Semiconductor MIC3291 Datasheet HTML 7Page - Micrel Semiconductor MIC3291 Datasheet HTML 8Page - Micrel Semiconductor MIC3291 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
MIC3291
September 2010
2
M9999-092810
(408) 944-0800
Ordering Information
Part Number
1
Marking Code
4
Output Voltage
Over-Voltage
Protection
Junction
Temperature Range
Package
2,3
MIC3291-18YD6
W18F
Adjustable
18V
−40°C to +125°C
TSOT23-6
MIC3291-25YD6
W25F
Adjustable
25V
−40°C to +125°C
TSOT23-6
MIC3291-18YML
F
WA
Adjustable
18V
−40°C to +125°C
2mm
× 2mm MLF®
MIC3291-25YML
Adjustable
25V
−40°C to +125°C
2mm
× 2mm MLF®
F
WB
Notes:
1.
Other options available. Contact Micrel Marketing for details.
2.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
3.
MLF
®
● = Pin 1 identifier.
4.
Overbar ( ¯ )and Underbar symbols ( _ ) may not be to scale.
Pin Configuration
2mm × 2mm 8-Pin MLF
® (ML)
(Top View)
TSOT23-6 (D6)
(Top View)
Pin Description
Pin Number
8-pin MLF
®
Pin Number
SOT23-6
Pin Name
Pin Name
1
6
OUT
Output and over-voltage protection (output)
2
5
VIN
Supply (Input): 2.5V to 6.5V for internal circuitry.
3
4
DC
Single pin digital control. See diagrams.
4
−
GND
Ground (Return): Ground.
5
−
NC
No connect (no internal connection to die)
6
3
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the LED
to this pin.
7
1
SW
Switch Node (Input): Internal power BIPOLAR collector.
8
2
GND
Ground (Return): Ground.
Pad
−
GND
Ground (Return): Backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com