Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PR39MF22NIPF Datasheet(PDF) 10 Page - Sharp Corporation

Part # PR39MF22NIPF
Description  Zero Cross type DIP 8pin Triac output SSR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR39MF22NIPF Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PR39MF22NIPF Datasheet HTML 6Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 7Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 8Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 9Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 10Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 11Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 12Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 13Page - Sharp Corporation PR39MF22NIPF Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
PR29MF21NSZ Series
PR39MF2xNSZ Series
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit
● Recommended Foot Print (reference)
SMT Gullwing Lead-form
2.2
8.2
(Unit : mm)
Sheet No.: D4-A00701EN
Tr1
R1
D1
V1
+VCC
AC Line
Load
ZS
ZS : Surge absorption circuit (Snubber circuit)
SSR
8
2
3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com