Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2S4RB0F Datasheet(PDF) 8 Page - Sharp Corporation

Part # S2S4RB0F
Description  Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4RB0F Datasheet(HTML) 8 Page - Sharp Corporation

Back Button S2S4RB0F Datasheet HTML 4Page - Sharp Corporation S2S4RB0F Datasheet HTML 5Page - Sharp Corporation S2S4RB0F Datasheet HTML 6Page - Sharp Corporation S2S4RB0F Datasheet HTML 7Page - Sharp Corporation S2S4RB0F Datasheet HTML 8Page - Sharp Corporation S2S4RB0F Datasheet HTML 9Page - Sharp Corporation S2S4RB0F Datasheet HTML 10Page - Sharp Corporation S2S4RB0F Datasheet HTML 11Page - Sharp Corporation S2S4RB0F Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
■ Design Considerations
In order for the Phototriac to turn off, the triggering current (IF) must be 0.1mA or less.
Please refrain from using these devices in a direct drive configuration. These Phototriac Coupler are
intended to be used as triggering device for main Triacs. Please ensure that the output rating of these
devices will be sufficient for triggering the main output Triac of your choice. Failure to do may result in
malfunctions.
For applications with inductive loads such as motors, please use caution in utilizing a zero crossing type Pho-
totraiac Coupler as this may cause undesired operations due to the phase difference between voltage and
current of load.
For designs that will experience excessive noise or sudden changes in load voltage, please include an
appropriate snubber circuit as shown in the below circuit. Please keep in mind the Sharp Phototriac Coupler
incorporate superrior dV/dt ratings which can eliminate the need for a snubber circuit.
For over voltage protection, a Varistor may be used.
● Degradation
In general, the emission of the IRED used in Phototriac Couplers will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these Phototriac Couplers should
provide at least twice the minimum required triggering current from initial operation.
● Recommended Foot Print (reference)
8
(Unit : mm)
● Design guide
S2S4 Series
Sheet No.: D2-A06601EN
1.5
6.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com