Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCM7116-RC Datasheet(PDF) 1 Page - Allied Components International

Part # VCM7116-RC
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VCM7116-RC Datasheet(HTML) 1 Page - Allied Components International

  VCM7116-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCM710
Common Mode Choke
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
0.200
0.200
0.200
0.200
0.200
0.200
0.200
0.200
0.300
0.300
0.300
0.300
0.300
0.300
0.400
0.400
0.400
0.400
VCM7101-RC
VCM7102-RC
VCM7105-RC
VCM7106-RC
VCM7107-RC
VCM7108-RC
VCM7109-RC
VCM7111-RC
VCM7112-RC
VCM7113-RC
VCM7114-RC
VCM7115-RC
VCM7116-RC
VCM7117-RC
VCM7118-RC
VCM7119-RC
VCM7120-RC
VCM7121-RC
Allied
Part
Number
L(mH)
Min
IDC
(A)
Dim
B Max
Inch
Dim
C Nom
0.51
0.85
4.25
0.51
0.85
1.70
2.55
0.85
0.85
1.70
2.55
4.25
6.80
0.85
1.70
4.25
6.80
42.5
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.600
0.800
0.800
0.800
0.800
0.800
0.800
1.20
1.20
1.20
1.20
0.040
0.060
0.125
0.030
0.040
0.060
0.075
0.030
0.050
0.075
0.085
0.110
0.200
0.035
0.040
0.046
0.060
0.200
0.450
0.450
0.450
0.450
0.450
0.450
0.450
0.450
0.550
0.550
0.550
0.550
0.550
0.550
0.800
0.800
0.800
0.800
0.400
0.400
0.400
0.400
0.400
0.400
0.400
0.400
0.500
0.500
0.500
0.500
0.500
0.500
0.700
0.700
0.700
0.700
Dim
A Max
Inch
1.0
1.0
1.0
2.0
2.0
2.0
2.0
3.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
4.0
4.0
2.0
0.200
VCM7110-RC
0.51
0.600
0.020
0.450
0.400
3.0
0.200
0.200
VCM7103-RC
VCM7104-RC
1.70
2.55
0.600
0.600
0.070
0.100
0.450
0.450
0.400
0.400
1.0
1.0
DCR
Features
• Wide Range of Values and Current Ratings
• Excellent EMI Suppression
• Cross to Miller / Bourns 7100 series
• Core encased in UL94V-0 housing
Electrical
Inductance Range:
Tolerance: Inductance shown in min. L
Test Frequency: 1KHz
Dielectric Strength: 3750Vrms
Base:
VW-1 Flamability Rating
Physical
Packaging:
In box Trays
.51mH to 42.5mH
Marking: None
Operating Temp: -55ºC ~ 105ºC
Temp Rise:
Idc based on a 35ºC temp rise Typ.
REVISED 8/16/10
@ 1KHZ
(m
)
Ω
Max.
Inch
Dim
D Nom
Inch
Dim
E Max
Inch
0.016
0.016
0.016
0.020
0.020
0.020
0.020
0.023
0.023
0.023
0.023
0.023
0.023
0.030
0.030
0.030
0.030
0.023
0.023
0.016
0.016
0.400
0.400
0.400
VCM7122-RC
VCM7123-RC
VCM7124-RC
25.5
9.35
2.55
1.20
1.20
1.20
0.130
0.072
0.020
0.800
0.800
0.800
0.700
0.700
0.700
4.0
5.0
10
0.030
0.036
0.046


Similar Part No. - VCM7116-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VCM7116-RC ALLIED-VCM7116-RC Datasheet
506Kb / 1P
Common Mode Choke
More results

Similar Description - VCM7116-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
T60405-R6102-X016 VACUUMSCHMELZE-T60405-R6102-X016 Datasheet
531Kb / 4P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com