Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXA1191L-S28-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # CXA1191L-S28-R
Description  FM/AM Radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CXA1191L-S28-R Datasheet(HTML) 6 Page - Unisonic Technologies

  CXA1191L-S28-R Datasheet HTML 1Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 2Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 3Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 4Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 5Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 6Page - Unisonic Technologies CXA1191L-S28-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CXA1191
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW- R110-014.B
ABSOLUTE MAXIMUM RATINGS (T
a =25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
9
V
DIP-28
1000
mW
Power Dissipation
SOP-28
PD
700
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-28
2 ~ 8.5
V
Supply Voltage
SOP-28
VCC
2 ~ 7.5
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, Vcc=6V)
SW
CONDITIONS
PARAMETER
SYMBOL
1 2 3 4 5 6
TEST
POINT
CONDITIONS
MIN
TYP
MAX UNIT
AM Circuit Current
ID1
A B A A A A
IA
No signal, AM
-
3.5
10.0
mA
FM Circuit Current
ID2
A B A A B A
IA
No signal, FM
-
7.0
14.0
mA
FM Front End Voltage
Gain
GV1
A B A A B A
VA
VIN1=40dBµV,100MHZ
32
39
46
dB
FM Detection Output
Level
VD1
A - - A B A
VD
VIN3=90dBµV,10.7 MHZ
(1 kHz,22.5kHz DEV)
39
77.5
155
Vrms
FM IF Knee Level
VD2
A - - A B A
VD
VIN3 level at a point 3 dB
down from
VIN3=90dBµV,10.7 MHZ
(1 kHz,22.5kHz DEV)
-
24
32
dB
μV
FM Detection Output
Distortion Factor
THD1
A - - A B A
VD
VIN3=90dBµV,10.7 MHZ
(1 kHz,75kHz DEV)
-
0.3
2.0
%
FM Meter Current
IB1
A - - A B A
IM
VIN3=60dBµV,10.7 MHZ
1.8
3.5
7.0
mA
AM Front End Voltage
Gain
GV2
A A A A A A
VB
VIN3=60dBµV,1660 kHZ
15
22
29
dB
AM IF Voltage Gain
GV3
A A - A A A
VD
VIN3 w hen 455kHz
(1kHz, 30% MOD)
output is – 34dBm
14
20
27
dBµV
AM Detection Output
Level
VD3
A A - A A A
VD
VIN3=85dBµV,455kHZ
(1kHz, 30% MOD)
39
77.5
155
Vrms
AM Meter Current
IB2
A A - A A A
IM
VIN3=85dBµV,455kHZ
(1kHz, 30% MOD)
1.3
3.0
7.0
mA
AM Detection Output
Distortion Factor
THD2
A A B B A A
VD
VIN2=60dBµV,1660kHZ
(1kHz, 30% MOD),Vcc=7,8V
-
0.6
2.0
%
Audio Voltage Gain
GV4
A - - - - B
VE
VIN3=60dBµV,10.7MHZ
VIN4=-30dBµV,1kHZ
27
31.5
36
dB
Audio Distortion Factor
THD3
A - - - - B
VE
Distortion factor for output of
50mVV
VIN3=60dBµV,10.7MHZ
VIN4=-20dBµ m,1kHZ
-
0.3
2.5
%
Muting Level
VD4
A - - - - B
VE
Muting level for 50 mW
output
VIN4=-20dBm,1kHZ
VIN3 OFF
8
15
22
dB
0dBµV=1µV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com