Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD2985 Datasheet(PDF) 21 Page - Unisonic Technologies

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985 Datasheet(HTML) 21 Page - Unisonic Technologies

Back Button LD2985_10 Datasheet HTML 15Page - Unisonic Technologies LD2985_10 Datasheet HTML 16Page - Unisonic Technologies LD2985_10 Datasheet HTML 17Page - Unisonic Technologies LD2985_10 Datasheet HTML 18Page - Unisonic Technologies LD2985_10 Datasheet HTML 19Page - Unisonic Technologies LD2985_10 Datasheet HTML 20Page - Unisonic Technologies LD2985_10 Datasheet HTML 21Page - Unisonic Technologies LD2985_10 Datasheet HTML 22Page - Unisonic Technologies LD2985_10 Datasheet HTML 23Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
21 of 23
www.unisonic.com.tw
QW-R102-024.G
TYPICAL CHARACTERISTICS (TJ=25°C, CI=1μF, CO=2.2μF, CBYP=100nF)
2.58
-25
-50
25
0
2.46
2.50
2.56
75
2.54
2.48
2.44
50
100
Output Voltage vs Temperature
2.52
Tc (°C)
2.42
2.40
VIN=3.5V
IOUT=1mA
2000
25
0
75
50
400
1600
125
1200
100
150
Quiescent Current vs Load Current
800
Output Current, IOUT (mA)
0
VOUT=2.5V
Cby=10nF
125
2.60
175
-25
-50
25
0
0.2
0.3
75
0.1
50
100
Dropout Voltage vs Temperature
0
VOUT=2.5V
Cby=10nF
IOUT=150mA
IOUT=50mA
IOUT=10mA
IOUT=1mA
-25
-50
25
0
2.0
3.5
75
1.5
50
100
Quiescent Current vs Temperature
0
VOUT=2.5V
Cby=10nF
IOUT=150mA
3.0
2.5
1.0
0.5
Tc (°C)
Tc (°C)
125
25
0
75
50
100
150
250
125
200
100
150
Dropout Voltage vs Output Current
Output Current, IOUT (mA)
50
0
VOUT=2.5V
-25
-50
25
0
60
90
75
50
50
100
Supply Voltage Rejection vs Temperature
20
Co=10μF
80
70
40
30
Co=1μF
fosc=1KHz
VIN=3.5 ~ 6.5V
IOUT=10mA
Tc (°C)
125
175
0.4
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com