Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPM-4100WG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPM-4100WG
Description  3.3V / 850 nm / 8.5 Gbps Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-4100WG Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPM-4100WG Datasheet HTML 1Page - Optoway Technology Inc SPM-4100WG Datasheet HTML 2Page - Optoway Technology Inc SPM-4100WG Datasheet HTML 3Page - Optoway Technology Inc SPM-4100WG Datasheet HTML 4Page - Optoway Technology Inc SPM-4100WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPM-4100WG
***********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2008 V3.0
2
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-8.2
-1
dBm
1
Optical Modulation Amplitude
Po, OMA
0.302
mW
Output Center Wavelength
λc
840
850
860
nm
Output Spectrum Width
σλ
0.6
nm
RMS (σ)
Relative Intensity Noise
RIN
-128
dB/Hz
1. Output power is power coupled into a 50/125
µm multi-mode fiber.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
0.076
mWp-p
2, OMA
Unstressed Sensitivity at 8.5 Gb/s
Sens
-12.5
dBm
3, Average Power
Stress Sensitivity at 8.5 Gb/s
Sens
---
0.155
mWp-p
2, OMA
Receiver Overload
PMAX
0.5
---
dBm
LOS -- Deasserted
LOSD
---
---
-14
dBm
Transition: low to high
LOS -- Asserted
LOSA
-25
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
840
860
nm
Optical Return Loss
ORL
-12
dB
2. Measured with worst ER; BER < 10
-12 and PRBS 27-1.
3. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 7 dB. For example, an OMA of 0.076 mW is
approximately equal to an average power of -12.5 dBm, average with an Extinction ratio of 7 dB.
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
1
8.5
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
150
700
mVpp
Internally AC coupled
Output Data Rate
1
8.5
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
350
600
700
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V
LINK LENGTH
Data Rate / Standard
Fiber Type
Model Bandwidth @ 850nm (MHz-km)
Distance Range (m)
62.5/125
µm MMF (OM1)
200
0.5 to 21
50 / 125
µm MMF (OM2)
500
0.5 to 50
50 / 125
µm MMF
900
0.5 to 90
50 / 125
µm MMF
1500
0.5 to 120
8.5 GBd
50 / 125
µm MMF (OM3)
2000
0.5 to 150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com