Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWCC0009 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0009
Description  GaAs SP4T Switch, Absorptive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0009 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0009 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GaAs SP4T Switch, Absorptive
DC - 3.0 GHz
Rev. V7
MASWCC0009
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RF1 - RF4 Off VSWR Temp. Variation
Isolation (dB) @ +25°C
Isolation Temp. Variation (dB)
Typical Performance Curves
RF1 - RF4 Off VSWR @ +25°C
1.0
1.5
2.0
2.5
0.003
1234
Fre que ncy (GHz )
1.0
1.5
2.0
2.5
0.003
1
2
3
4
Fre que ncy (GHz )
-4 0 °C
+ 8 5 °C
+ 25°C
0
20
40
60
80
100
0.003
1234
Fre que ncy (GHz )
RF 1
RF 2
R F 3
RF 4
0
20
40
60
80
100
0.003
1
2
3
4
Fre que ncy (GHz )
+ 2 5 °C ,
4 0 °C , + 8 5 °



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com